Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-332AT Datasheet(PDF) 4 Page - STMicroelectronics

Part # BLUENRG-332AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332AT Datasheet(HTML) 4 Page - STMicroelectronics

  BLUENRG-332AT Datasheet HTML 1Page - STMicroelectronics BLUENRG-332AT Datasheet HTML 2Page - STMicroelectronics BLUENRG-332AT Datasheet HTML 3Page - STMicroelectronics BLUENRG-332AT Datasheet HTML 4Page - STMicroelectronics BLUENRG-332AT Datasheet HTML 5Page - STMicroelectronics BLUENRG-332AT Datasheet HTML 6Page - STMicroelectronics BLUENRG-332AT Datasheet HTML 7Page - STMicroelectronics BLUENRG-332AT Datasheet HTML 8Page - STMicroelectronics BLUENRG-332AT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
20 I/Os for the QFN32 package. 20 I/Os for the WLCSP36 package.
Figure 1. BlueNRG-LPS block diagram
NVIC
DMA (8 ch)
DMAMUX
192 Kbyte flash
SRAM0
SRAM1
MR_BLE
GPIOA
GPIOB
PKA + RAM
RNG
PWRC
RCC
CRC
SPI3/I2S3
USART
LPUART
I2C1
APB
Power supply/
POR/
LSE
32 kHz
LSI
32 kHz
HSE
32 MHz
RC64MPLL
TIM2
RTC
IWDG
ADC
SYSCFG
TIM16
TIM17
PDR/PVD
Arm
Cortex-M0+
BlueNRG-LPS
DS13819 - Rev 4
page 4/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com