| Electronic Components Datasheet Search |
|
BLUENRG-332AC Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-332AC Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 67 page ![]() • The I/Os pull-up and pull-down can be controlled during DEEPSTOP mode, depending on the software configuration • The low speed clock can be running or stopped, depending on the software configuration: – ON or OFF – Sourced by LSE or by LSI • The RTC, IWDG and LPUART stay active, if enabled and the low speed clock is ON • The radio wake-up block, including its timer, stay active (if enabled and the low speed clock is ON) • Up to 20 GPIOs retaining their configuration: – I/Os retain the RUN mode configuration while in DEEPSTOP mode • Up to 20 I/Os are able to be in output driving: – A static low or high level • Some I/Os are able to be in output driving: – The low speed clock (on PA10) – The RTC output (on PA8) Possible wake-up sources are: • The radio block is able to generate two events to wake up the system through its embedded wake-up timer running on low speed clock: – Radio wake-up time is reached – CPU host wake-up time is reached • The RTC can generate a wake-up event • The IWDG can generate a reset event • The LPUART is able to generate a wake-up event • All GPIOs are able to wake up the system At wake-up, all the hardware resources located in the digital power domain that are OFF during the DEEPSTOP mode, are reset. The CPU reboots. The wake-up reason is visible in the register of the power controller. BlueNRG-LPS Operating modes DS13819 - Rev 4 page 13/67 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |