Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO808A-1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ISO808A-1
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A-1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ISO808A-1 Datasheet HTML 2Page - STMicroelectronics ISO808A-1 Datasheet HTML 3Page - STMicroelectronics ISO808A-1 Datasheet HTML 4Page - STMicroelectronics ISO808A-1 Datasheet HTML 5Page - STMicroelectronics ISO808A-1 Datasheet HTML 6Page - STMicroelectronics ISO808A-1 Datasheet HTML 7Page - STMicroelectronics ISO808A-1 Datasheet HTML 8Page - STMicroelectronics ISO808A-1 Datasheet HTML 9Page - STMicroelectronics ISO808A-1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
3
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VCC
Process Stage supply Voltage
-0.3
+45
V
VDD
Control Logic Stage supply Voltage
-0.3
+6
V
VIN
DC Input pins (SS, CLK, SDI and OUT_EN) Voltage
-0.3
VDD
V
VSDO
DC SDO pin Voltage
-0.3
VDD
V
VFAULT, VPGOOD FAULT and PGOOD pins Voltage
-0.3
+6.0
V
IGNDdd
DC digital ground Reverse Current
-25
mA
IOUT
Channel Output Current (continuous)
Internally limited
A
IGNDcc
DC Power Ground Reverse Current
-250
mA
IRX
Single pin Reverse Output Current (from OUTx pins to VCC)
-2
A
IRT
Total Reverse Output Current (from OUTx pins to VCC) @ TAMB 25 °C
-24
A
IIN
DC Input pins (SS, CLK, SDI and OUT_EN) current
-10
+10
mA
IFAULT, IPGODD FAULT and PGOOD pins Current
-10
+10
mA
VESD
Electrostatic discharge with Human Body Model (R = 1.5 KΩ; C = 100
pF)
2000
V
VIO
Isolation voltage applied between GNDDD and GNDCC pins
180
VPEAK
EAS
Single pulse avalanche energy per channel, all channels driven
simultaneously @TAMB= 125 °C, IOUT = 0.6 A (PowerSO-36)
2.11
J
PTOT
Power dissipation
Internally limited (1)
W
TJ
Junction operating temperature
Internally limited (1)
°C
TSTG
Storage Temperature
-40 to 150
°C
1. Protection functions are intended to avoid IC damage in fault conditions and are not intended for continuous operation.
Continuous or repetitive operation of protection functions may reduce the IC lifetime.
ISO808A, ISO808A-1
Absolute
maximum ratings
DS14170 - Rev 1
page 6/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com