Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4985 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4985
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4985 Datasheet HTML 9Page - STMicroelectronics L4985 Datasheet HTML 10Page - STMicroelectronics L4985 Datasheet HTML 11Page - STMicroelectronics L4985 Datasheet HTML 12Page - STMicroelectronics L4985 Datasheet HTML 13Page - STMicroelectronics L4985 Datasheet HTML 14Page - STMicroelectronics L4985 Datasheet HTML 15Page - STMicroelectronics L4985 Datasheet HTML 16Page - STMicroelectronics L4985 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Figure 7. OFF-time modulator - details
Referring to Figure 7, once the power switch ON-time is ended (Q signal goes low) the internal switch SW5 is
open and the constant current generator IR starts to charge linearly the capacitor CR. The resulting voltage VRAMP
is compared with the voltage VTH_RAMP, which is generated by the “Constant FSW“ circuitry based on the Q signal
duration (TON). As soon as the ramp voltage VRAMP reaches the VTH_RAMP voltage, the flip-flop is set and the
external power switch is turned on (Q signal goes high).
In other words, the power switch off-time (TOFF) is modulated based on the on-time information (TON) to keep
cycle-by-cycle constant the resulting switching frequency (FSW=1/TSW_TARGET):
TOFF = TSW_TARGET - TON.
Figure 8. Left OFF-time modulator timing – Line
cycle time scale
Figure 9. Right OFF-time modulator timing –
Switching cycle time scale
5.3
High voltage startup
The device embeds a High Voltage (HV) start-up circuitry, based on a high voltage N-channel FET as shown in
Figure 10, in order to supply the IC during the initial start-up phase before the self-supply winding is operating.
L4985
High voltage startup
DS13769 - Rev 3
page 13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com