Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4985B Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4985B
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4985B Datasheet HTML 3Page - STMicroelectronics L4985B Datasheet HTML 4Page - STMicroelectronics L4985B Datasheet HTML 5Page - STMicroelectronics L4985B Datasheet HTML 6Page - STMicroelectronics L4985B Datasheet HTML 7Page - STMicroelectronics L4985B Datasheet HTML 8Page - STMicroelectronics L4985B Datasheet HTML 9Page - STMicroelectronics L4985B Datasheet HTML 10Page - STMicroelectronics L4985B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
4
Electrical characteristics
Tj = -25 to 125 °C, VCC = 15 V, CGD = 1 nF unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE
VCC
Operating range
After turn-on
10
24.5
V
VCC_ON
Turn-on threshold
Voltage rising(1)
13
14
15
V
VCC_OFF
Turn-off threshold
Voltage falling (1)
8.5
9.0
9.5
V
VCC_HVSTUP_OVP
Turn-on threshold of HVSTUP
in OVP state
Voltage falling(1)
10.8
11.5
12.2
V
VZ
VCC clamp voltage
IVCC = 20 mA(2)
24.5
26
27
V
SUPPLY CURRENT
ISTART_UP
Start-up current
Before turn-on, VCC = 14 V
400
550
µA
IQ
Quiescent current
VFB < VFB_FF/EBM
0.6
0.8
mA
VFB = 2.5 V,
VCOMP< VCOMP_S
0.65
0.85
mA
VFB > VFB_S
0.65
0.85
mA
ICC
Operating supply current
L4985A, TON=TON_MIN(3)
2.2
2.8
mA
L4985A, HV*TON = 1.3 ms(4)
3.8
4.7
mA
L4985B, TON=TON_MIN(3)
3.4
4.0
mA
L4985B, HV*TON = 0.65 ms(4)
4.6
5.5
mA
IDIS
Quiescent in disable
VCOMP < VCOMP_DIS
450
600
µA
HIGH-VOLTAGE START-UP GENERATOR
VHV
Breakdown voltage
IHV < 100 µA
800
V
VHV_START
Start voltage
IVCC < 100 µA
22
29
40
V
VCC_SO
VCC switchover threshold
0.55
1
1.4
V
IHV_ON
ON-state charge current
VHV > 40 V, VCC < VCC_SO
0.7
1
1.3
mA
VHV > 40 V,
VCC > VCC_SO,
VFB < VFB_HVSTUPOFF
5
7
10
mA
VFB_HVSTUPOFF
Generator shutdown threshold
at FB pin
1.65
1.75
1.85
V
TTOUT
Generator shutdown timeout
After VCC exceeds VCC_ON &
VFB < VFB_HVSTUPOFF
80
100
120
ms
IHV_OFF
OFF-state current consumption
VHV = 400 V
20
25
µA
AC BROWNOUT PROTECTION
VHVPK_BO
Brownout threshold
VHV peak voltage falling(1)
94
100
106
V
VHVPK_BI
Brown-in threshold
VHV peak voltage rising(1)
103
110
117
V
TDB_ACBO
Brownout debounce time
505
630
755
ms
L4985
Electrical characteristics
DS13769 - Rev 3
page 7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com