Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD56020J110R Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD56020J110R
Description  Low input voltage, 200 mA ultra-low noise LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56020J110R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD56020J110R Datasheet HTML 9Page - STMicroelectronics LD56020J110R Datasheet HTML 10Page - STMicroelectronics LD56020J110R Datasheet HTML 11Page - STMicroelectronics LD56020J110R Datasheet HTML 12Page - STMicroelectronics LD56020J110R Datasheet HTML 13Page - STMicroelectronics LD56020J110R Datasheet HTML 14Page - STMicroelectronics LD56020J110R Datasheet HTML 15Page - STMicroelectronics LD56020J110R Datasheet HTML 16Page - STMicroelectronics LD56020J110R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Table 6. SOT23-5L mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.25
A1
0.04
0.10
A2
1.00
1.10
1.20
A3
0.60
0.65
0.70
b
0.33
0.41
b1
0.32
0.35
0.38
c
0.15
0.19
c1
0.14
0.15
0.16
D
2.82
2.92
3.02
E
2.60
2.80
3.00
E1
1.50
1.60
1.70
e
0.95 CS
e1
1.90 BSC
L
0.30
0.60
Θ
0
8°
Figure 25. SOT23-5L recommended footprint
LD56020
SOT23-5L package information
DS13164 - Rev 1
page 13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com