| Electronic Components Datasheet Search |
|
M95P16-IXCST/EF Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95P16-IXCST/EF Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 63 page ![]() 6.12 Fast read quad output with one dummy byte (6Bh) The fast read quad output with one dummy byte (FQREAD) instruction is similar to the Fast read dual output with one dummy byte instruction, except that data is output on four pins (DQ3, DQ2, DQ1 and DQ0). This allows data to be transferred at the highest possible frequency of fC (see Table 27. AC characteristics - Other parameters). The instruction is initiated by driving the S pin low, then shifting the instruction code 6Bh, followed by a 24-bit address (A23-A0) into the D pin, and then adding eight dummy clock cycles as shown in Figure 19. The code and address bits are latched on the rising edge of the C pin. After the eight dummy clock cycles are received, the data byte of the addressed memory location is shifted out (MSB first) on the DQ3, DQ2, DQ1 and DQ0 pins (every four bits interleave on the four I/O pins) on the falling edge of C. The address is automatically incremented to the next higher address after each data byte is shifted out, so the whole memory can be read out with a Fast read quad instruction. The address counter rolls over to 0 after the highest address is reached. The instruction is completed by driving the S pin high. During the dummy clock cycles, the data value on the D pin is don't care, and the Q pin is high-Z. Note: The W-DQ2 and HOLD-DQ3 pins switch in high-impedance after the last bit of the third address byte of the instruction. Figure 19. Fast read quad output with one dummy byte 0 1 2 3 4 5 6 7 8 9 10 29 30 31 A23 A22 A21 A2 A1 A0 High impedance C D-DQ0 Q-DQ1 W-DQ2 HOLD-DQ3 S FQREAD instruction 24-bit address 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 Q4 Q0 Q4 Q0 Q4 Q0 High impedance Q5 Q1 Q5 Q1 Q5 Q1 High impedance Q6 Q2 Q6 Q2 Q6 Q2 Q7 Q3 Q7 Q3 Q7 Q3 Dummy clock cycles Data Out 3 Data Out 2 Data Out 1 C D-DQ0 Q-DQ1 W-DQ2 HOLD-DQ3 S High impedance MS69272V1 High impedance M95P16-I M95P16-E Fast read quad output with one dummy byte (6Bh) DS13710 - Rev 1 page 29/63 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |