| Electronic Components Datasheet Search |
|
M95P16-IXMCT/EF Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95P16-IXMCT/EF Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 63 page ![]() Note: If the PUF bit remains at 1 after power-up, the Status register is read as FF. Erase flag (ERF) bit This bit indicates if a previously executed erase operation was completed successfully. • 0: successful • 1: error This volatile bit is refreshed at each erase/write operation. This flag is cleared to 0 at power-up, or by a Clear safety flag or Software reset instruction. Program flag (PRF) bit This bit indicates if a previously executed program operation was completed successfully. • 0: successful • 1: error This volatile bit is refreshed at each program/write operation. In Buffer mode the flag becomes a sticky flag. This flag is cleared to 0 at power-up, or by a Clear safety flag or Software reset instruction. ECC1 correction flag (ECC1C) bit This bit indicates if the ECC corrected a single-bit error during a previously executed read/program/write operation. • 0: no correction • 1: correction done This volatile bit is refreshed at each read/program/write operation. This flag is cleared to 0 at power-up, or after a clear safety flag or Software reset instruction. ECC2 correction flag (ECC2C) bit This bit indicates if the ECC corrected a double-bit error in a previously executed read/program/write operation. • 0: no correction • 1: correction done This volatile bit is refreshed at each read/program/write operation. This flag is cleared to 0 at power-up, or after a clear safety flag or Software reset instruction. ECC3 detection flag (ECC3D) bit This bit indicates if the ECC detected a triple-bit error in at least one word of 16 bytes in a previously executed read/program/write operation. • 0: no detection • 1: error detection This volatile bit is refreshed at each read/program/write operation. This flag is cleared to 0 at power-up, or after a clear safety flag or Software reset instruction. ECC3 detection flag (ECC3DS) bit This bit indicates the ECC detected a triple bit error in at least one word of 16 bytes in a previously executed read/program/write operation. • 0: no detection • 1: error detection This is a sticky volatile bit that can only be reset by issuing a Clear safety flag instruction. This flag is cleared to 0 at power-up, or after a Software reset instruction. The ECC flag information is cumulative: on the same read instruction the flags are raised as soon as a correction or a detection occurs, and all flags may be raised. 5.3 Volatile register format This byte can be read with the RDVR instruction in loop mode. The volatile bit BUFEN is enabled with WRVR instruction. M95P16-I M95P16-E Volatile register format DS13710 - Rev 1 page 19/63 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |