Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5991 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5991
Description  PRIMARY CONTROLLER WITH STANDBY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5991 Datasheet(HTML) 4 Page - STMicroelectronics

  L5991 Datasheet HTML 1Page - STMicroelectronics L5991 Datasheet HTML 2Page - STMicroelectronics L5991 Datasheet HTML 3Page - STMicroelectronics L5991 Datasheet HTML 4Page - STMicroelectronics L5991 Datasheet HTML 5Page - STMicroelectronics L5991 Datasheet HTML 6Page - STMicroelectronics L5991 Datasheet HTML 7Page - STMicroelectronics L5991 Datasheet HTML 8Page - STMicroelectronics L5991 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
6
8
20
30
V 1 4 = 0, P in 2 = ope n
Tj = 2 5
°C
0
4
8
1 21 62 02 4
0
0.0 5
0.1
0.1 5
0.2
4
Vc c [V ]
Iq [m A ]
28
X
Y
Figure 1. L5991 - Quiescent current vs. input
voltage.
(X = 7.6V and Y= 8.4V for L5991A)
0
4
8
1 21 62 0
2 4
0
50
100
150
200
250
300
350
Vcc [ V ]
Iq [
µ A]
V1 4 = V r e f
Tj = 2 5
°C
X
Y
Figure 2. L5991 - Quiescent current vs. input
voltage (after disable).
(X = 7.6V and Y= 8.4V for L5991A)
ELECTRICAL CHARACTERISTICS (continued.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
OUTPUT SECTION
Fall Time
CO = 1nF
CO = 2.5nF
20
35
60
ns
ns
Rise Time
CO = 1nF
CO = 2.5nF
50
70
100
ns
ns
UVLO Saturation
VCC =VC = 0 to VCCON
Isink = 10mA
1.0
V
SUPPLY SECTION
VCCON
Startup voltage
L5991
L5991A
14
7.8
15
8.4
16
9
V
V
VCCOFF
Minimum Operating Voltage
L5991
L5991A
9
7
10
7.6
11
8.2
V
V
Vhys
UVLO Hysteresis
L5991
L5991A
4.5
0.5
5
0.8
V
V
IS
Start Up Current
Before Turn-on at:
VCC =VC =VCCON -0.5V
40
75
120
µA
Iop
Operating Current
CT = 1nF, RT = 13.3k
Ω,CO =1nF
9
13
mA
Iq
Quiescent Current
(After turn on), CT = 1nF,
RT = 13.3k
Ω,CO =0nF
7.0
10
mA
VZ
Zener Voltage
I8 = 20mA
21
25
30
V
STANDBY FUNCTION
VREF-VST-BY
IST-BY = 2mA
45
mV
VT1
Standby Threshold
Vcomp Falling
2.5
V
Vcomp Rising
4.0
V
SYNCHRONIZATION SECTION
Master Operation
V1
Clock Amplitude
ISOURCE = 0.8mA
4
V
I1
Clock Source Current
Vclock = 3.5V
3
7
mA
Slave Operation
V1
Sync Pulse
Low Level
1
V
High Level
3.5
V
I1
Sync Pulse Current
VSYNC = 3.5V
0.5
mA
OVER CURRENT PROTECTION
Vt
Fault Threshold Voltage
1.1
1.2
1.3
V
DISABLE SECTION
Shutdown threshold
2.4
2.5
2.6
V
ISH
Shutdown Current
VCC = 15V
330
µA
L5991 - L5991A
4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com