| Electronic Components Datasheet Search |
|
L5991A Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5991A Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 19 page ![]() The oscillation frequency can be established with the aid of the diagrams of fig. 13, where RT will be intended as the parallel of RA and RB in normal operation and RT =RA in standby, or considering the following approximate relationships: fosc ≅ 1 CT ⋅ (0.693 ⋅ (RA // RB)+ KT (1), which gives the normal operating frequency, and: fSB ≅ 1 CT ⋅ (0.693 ⋅ RA + KT ) (2), which gives the standby frequency, that is the one the converter will operate at when lightly loaded. In the above expressions, RA // RB means: RA//RB = RA ⋅ RB RA + RB , while KT is defined as: KT = 90 V15 = VREF 160 V15 = GND/OPEN (3), and is related to the duration of the falling-edge of the sawtooth: Td ≈ 30 ⋅ 10 −9 + K T ⋅ CT (4). Td is also the duration of the sync pulses deliv- ered at pin 1 and defines the upper extreme of the duty cycle range, Dx (see pin 15 for DX definition and calculation) since the output is held low dur- ing the falling edge. In case V15 is connected to VREF, however, the switching frequency will be a half the values taken from fig. 13 or resulting from (1) and (2). To prevent the oscillator frequency from switching back and forth from fosc to fSB, the ratio fosc /fSB must not exceed 5.5. If during normal operation the IC is to be synchro- nized to an external oscillator, RA,RB and CT should be selected for a fosc lower than the master frequency in any condition (typically, 10-20% ), depending also on the tolerance of the parts. Pin 3. DC (Duty Cycle Control). By biasing this pin with a voltage between 1 and 3 V it is possible to set the maximum duty cycle between 0 and the upper extreme Dx (see pin 15). If Dmax is the desired maximum duty cycle, the voltage V3 to be applied to pin 3 is: V3 =5 -2 (2-Dmax) (5) Dmax is determined by internal comparison be- tween V3 and the oscillator ramp (see fig. 23), thus in case the device is synchronized to an ex- ternal frequency fext (and therefore the oscillator amplitude is reduced), (5) changes into: V3 = 5 − 4 ⋅ exp − Dmax RT ⋅ CT ⋅ fext (6) A voltage below 1V will inhibit the driver output stage. This could be used for a not-latched device disable, for example in case of overvoltage pro- tection (see application ideas). If no limitation on the maximum duty cycle is re- quired (i.e. DMAX =DX), the pin has to be left float- ing. An internal pull-up (see fig. 23) holds the volt- age above 3V. Should the pin pick up noise (e.g. + - R2 R3 R1 CLAMP D1 50 Ω RA CT D R Q 600 µA D97IN729A VREF RCT SYNC CLK 2 4 1 16 ST-BY RB STANDBY Figure 22. Oscillator and synchronization internal schematic. L5991 - L5991A 9/23 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |