| Electronic Components Datasheet Search |
|
80C552 Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
80C552 Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 23 page ![]() Philips Semiconductors Product data 80C552/83C552 Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM 2002 Sep 03 12 14. The offset error (OSe) is the absolute difference between the straight line which fits the actual transfer curve (after removing gain error), and a straight line which fits the ideal transfer curve. (See Figure 1.) 15. The gain error (Ge) is the relative difference in percent between the straight line fitting the actual transfer curve (after removing offset error), and the straight line which fits the ideal transfer curve. Gain error is constant at every point on the transfer curve. (See Figure 1.) 16. The absolute voltage error (Ae) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated ADC and the ideal transfer curve. 17. This should be considered when both analog and digital signals are simultaneously input to port 5. SU01693 1 0 2 3 4 5 6 7 1018 1019 1020 1021 1022 1023 1 2 3 4 5 6 7 1018 1019 1020 1021 1022 1023 1024 Code Out (2) (1) (5) (4) (3) 1 LSB (ideal) Offset error OSe Offset error OSe Gain error Ge AVIN (LSBideal) 1 LSB = AVREF+ – AVREF– 1024 (1) Example of an actual transfer curve. (2) The ideal transfer curve. (3) Differential non-linearity (DLe). (4) Integral non-linearity (ILe). (5) Center of a step of the actual transfer curve. Figure 1. ADC Conversion Characteristic |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |