Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4011BMS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CD4011BMS
Description  CMOS NAND Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4011BMS Datasheet(HTML) 9 Page - Renesas Technology Corp

  CD4011BMS Datasheet HTML 1Page - Renesas Technology Corp CD4011BMS Datasheet HTML 2Page - Renesas Technology Corp CD4011BMS Datasheet HTML 3Page - Renesas Technology Corp CD4011BMS Datasheet HTML 4Page - Renesas Technology Corp CD4011BMS Datasheet HTML 5Page - Renesas Technology Corp CD4011BMS Datasheet HTML 6Page - Renesas Technology Corp CD4011BMS Datasheet HTML 7Page - Renesas Technology Corp CD4011BMS Datasheet HTML 8Page - Renesas Technology Corp CD4011BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CD4011BMS, CD4012BMS, CD4023BMS
FN3079 Rev 0.00
Page 9 of 9
November 1994
Chip Dimensions and Pad Layouts
FIGURE 7. TYPICAL PROPAGATION DELAY TIME PER GATE
AS A FUNCTION OF LOAD CAPACITANCE
FIGURE 8. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
CD4011BMSH
CD4012BMSH
CD4023BMSH
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
LOAD CAPACITANCE (CL) (pF)
200
175
150
125
100
75
50
25
0
10
20
30
40
50
60
70
80
90
100
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
0
40
6080100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION: Thickness: 11k
Å 14kÅ, AL.
PASSIVATION: 10.4kÅ - 15.6k
Å, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN
DIE THICKNESS: 0.0198 inches - 0.0218 inches



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com