Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4015BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4015BMS
Description  CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4015BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4015BMS Datasheet HTML 1Page - Renesas Technology Corp CD4015BMS Datasheet HTML 2Page - Renesas Technology Corp CD4015BMS Datasheet HTML 3Page - Renesas Technology Corp CD4015BMS Datasheet HTML 4Page - Renesas Technology Corp CD4015BMS Datasheet HTML 5Page - Renesas Technology Corp CD4015BMS Datasheet HTML 6Page - Renesas Technology Corp CD4015BMS Datasheet HTML 7Page - Renesas Technology Corp CD4015BMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FN3295 Rev 0.00
Page 1 of 8
December 1992
FN3295
Rev 0.00
December 1992
CD4015BMS
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
DATASHEET
Pinout
CD4015BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CLOCK B
Q4B
Q3A
Q2A
Q1A
RESET A
VSS
DATA A
VDD
RESET B
Q1B
Q2B
Q3B
Q4A
CLOCK A
DATA B
DATA A
CLOCK A
RESET A
DATA B
CLOCK B
RESET B
Q1A
Q2A
Q3A
Q4A
Q1B
Q2B
Q3B
Q4B
VSS
VDD
7
9
6
15
1
14
5
4
3
10
13
12
11
2
16
8
4
STAGE
4
STAGE
Features
• High-Voltage Type (20V Rating)
• Medium Speed Operation 12MHz (typ.) Clock Rate at
VDD - VSS = 10V
• Fully Static Operation
• 8 Master-Slave Flip-Flops Plus Input and Output Buffering
• 100% Tested For Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1
A at 18V Over Full Pack-
age-Temperature Range; 100nA at 18V and 25oC
• Noise Margin (Full Package-Temperature Range) =
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Serial-Input/Parallel-Output Data Queueing
• Serial to Parallel Data Conversion
• General-Purpose Register
Description
CD4015BMS consists of two identical, independent, 4-stage
serial-input/parallel output registers. Each register has inde-
pendent CLOCK and RESET inputs as well as a single serial
DATA input. “Q” outputs are available from each of the four
stages on both registers. All register stages are D type, mas-
ter-slave flip-flops. The logic level present at the DATA input
is transferred into the first register stage and shifted over one
stage at each positive-going clock transition. Resetting of all
stages is accomplished by a high level on the reset line.
Register expansion to 8 stages using one CD4015BMS
package, or to more than 8 stages using additional
CD4015BMS’s is possible.
The CD4015BMS is supplied in these 16 lead outline pack-
ages:
Braze Seal DIP
H4X
Frit Seal DIP
H1F
Ceramic Flatpack
H6W


Similar Part No. - CD4015BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4015BMS INTERSIL-CD4015BMS Datasheet
118Kb / 8P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
More results

Similar Description - CD4015BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4015B STMICROELECTRONICS-HCC4015B Datasheet
281Kb / 12P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
Jun-1989
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP Datasheet
262Kb / 6P
DUAL 4-STAGE STATIC SHIFT REGISTER (WITH SERIAL INPUT/PARALLEL OUTPUT)
logo
Intersil Corporation
CD4015BMS INTERSIL-CD4015BMS Datasheet
118Kb / 8P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
CD4015BT INTERSIL-CD4015BT Datasheet
74Kb / 3P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
logo
STMicroelectronics
HCF4015B STMICROELECTRONICS-HCF4015B Datasheet
225Kb / 10P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
Sep-2002
logo
List of Unclassifed Man...
MMC4015 ETC1-MMC4015 Datasheet
109Kb / 4P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT / PARALLEL OUTPUT
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP_07 Datasheet
347Kb / 9P
Dual 4-Stage Static Shift Register(with serial input/parallel output)
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com