Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049UBMS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CD4049UBMS
Description  CMOS Hex Buffer/Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4049UBMS Datasheet(HTML) 4 Page - Renesas Technology Corp

  CD4049UBMS Datasheet HTML 1Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 2Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 3Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 4Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 5Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 6Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 7Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 8Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CD4049UBMS
FN3315 Rev 1.00
Page 4 of 11
March 6, 2007
Input Voltage Low
(Note 2)
VIL
VDD = 5V, VOH > 4.5V, VOL < 0.5V
1, 2, 3
+25, +125, -55
-
1.0
V
Input Voltage High
(Note 2)
VIH
VDD = 5V, VOH > 4.5V, VOL < 0.5V
1, 2, 3
+25, +125, -55
4.0
-
V
Input Voltage Low
(Note 2)
VIL
VDD = 15V, VOH > 13.5V, VOL < 1.5V
1, 2, 3
+25, +125, -55
-
2.5
V
Input Voltage High
(Note 2)
VIH
VDD = 15V, VOH > 13.5V, VOL < 1.5V
1, 2, 3
+25, +125, -55
12.5
-
V
NOTES:
1. All voltages referenced to device GND, 100% testing being implemented.
2. Go/No Go test with limits applied to inputs.
3. For accuracy, voltage is measured differentially to VDD. Limit is 0.050V max.
AC Electrical Specifications
PARAMETER
SYMBOL
CONDITIONS
(Notes 4, 5)
GROUP A
SUBGROUPS TEMP (°C)
LIMITS
UNITS
MIN
MAX
Propagation Delay
tPHL
VDD = 5V, VIN = VDD or GND
9
+25
-
65
ns
10, 11
+125, -55
-
88
ns
Propagation Delay
tPLH
VDD = 5V, VIN = VDD or GND
9
+25
-
120
ns
10, 11
+125, -55
-
162
ns
Transition Time
tTHL
VDD = 5V, VIN = VDD or GND
9
+25
-
60
ns
10, 11
+125, -55
-
81
ns
Transition Time
tTLH
VDD = 5V, VIN = VDD or GND
9
+25
-
160
ns
10, 11
+125, -55
-
216
ns
NOTES:
4. CL = 50pF, RL = 200k, Input tR, tF < 20ns.
5. -55°C and +125°C limits guaranteed, 100% testing being implemented.
Post Irradiation Electrical Performance Characteristics
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMP (°C)
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
6, 7
-55, +25
-
1
A
+125
-
30
A
VDD = 10V, VIN = VDD or GND
6, 7
-55, +25
-
2
A
+125
-
60
A
VDD = 15V, VIN = VDD or GND
6, 7
-55, +25
-
2
A
+125
-
120
A
Output Voltage
VOL
VDD = 5V, No Load
6, 7
+25, +125, -55
-
50
mV
Output Voltage
VOL
VDD = 10V, No Load
6, 7
+25, +125, -55
-
50
mV
Output Voltage
VOH
VDD = 5V, No Load
6, 7
+25, +125, -55
4.95
-
V
Output Voltage
VOH
VDD = 10V, No Load
6, 7
+25, +125, -55
9.95
-
V
DC Electrical Specifications
PARAMETER
SYMBOL
CONDITIONS
(Note 1)
GROUP A
SUBGROUPS
TEMP (°C)
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com