Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4070BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4070BMS
Description  CMOS Quad Exclusive OR and Exclusive NOR Gates
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4070BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4070BMS Datasheet HTML 1Page - Renesas Technology Corp CD4070BMS Datasheet HTML 2Page - Renesas Technology Corp CD4070BMS Datasheet HTML 3Page - Renesas Technology Corp CD4070BMS Datasheet HTML 4Page - Renesas Technology Corp CD4070BMS Datasheet HTML 5Page - Renesas Technology Corp CD4070BMS Datasheet HTML 6Page - Renesas Technology Corp CD4070BMS Datasheet HTML 7Page - Renesas Technology Corp CD4070BMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FN3322 Rev 0.00
Page 1 of 8
December 1992
FN3322
Rev 0.00
December 1992
CD4070BMS, CD4077BMS
CMOS Quad Exclusive OR and Exclusive NOR Gates
DATASHEET
Pinouts
CD4070BMS
TOP VIEW
CD4077BMS
TOP VIEW
Functional Diagram
CD4070BMS
CD4077BMS
A
B
J = A
B
K = C
D
C
D
VSS
VDD
H
G
M = G
H
L = E
F
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
J = A
B
K = C
Ý
D
C
D
VSS
VDD
H
G
M = G
H
L = E
F
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
C
D
E
F
G
H
1
2
5
6
8
9
12
13
3
4
10
11
J = A
B
K = C
D
M = G
H
L = E
F
VSS = 7
VDD = 14
J
K
L
M
A
B
C
D
E
F
G
H
1
2
5
6
8
9
12
13
3
4
10
11
J = A
B
K = C
D
M = G
H
L = E
F
J
K
L
M
Features
• High Voltage Types (20V Rating)
• CD4070BMS - Quad Exclusive OR Gate
• CD4077BMS - Quad Exclusive NOR Gate
• Medium Speed Operation
- tPHL, tPLH = 65ns (Typ.) at VDD = 10V, CL = 50pF
• 5V, 10V and 15V Parametric Ratings
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
A at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Logical Comparators
• Parity Generators and Checkers
• Adders/Subtractors
Description
CD4070BMS contains four independent Exclusive OR
gates. The CD4077BMS contains four independent Exclu-
sive NOR gates.
The CD4070BMS and CD4077BMS provide the system
designer with a means for direct implementation of the
Exclusive OR and Exclusive NOR functions, respectively.
The CD4070BMS and CD4077BMS are supplied in these 14
lead outline packages:
Braze Seal DIP
H4Q
Frit Seal DIP
H1B
Ceramic Flatpack
*H4F
†H3W
*CD4070B Only
†CD4077B Only


Similar Part No. - CD4070BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results

Similar Description - CD4070BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4070B TI-CD4070B Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
SN54S135 TI-SN54S135 Datasheet
64Kb / 3P
QUADRUPLE EXCLUSIVE-OR/NOR GATES
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
LG Semicon Co.,Ltd.
GD74HCT266 LG-GD74HCT266 Datasheet
201Kb / 4P
QUAD 2-INPUT EXCLUSIVE NOR GATES
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Renesas Technology Corp
HD74HC7266P RENESAS-HD74HC7266P Datasheet
83Kb / 7P
Quad. 2-input Exclusive-NOR Gates
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
SN54S135 TI1-SN54S135_14 Datasheet
256Kb / 8P
QUADRUPLE EXCLUSIVE- OR/NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com