Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4073BMS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CD4073BMS
Description  CMOS AND Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4073BMS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button CD4073BMS Datasheet HTML 3Page - Renesas Technology Corp CD4073BMS Datasheet HTML 4Page - Renesas Technology Corp CD4073BMS Datasheet HTML 5Page - Renesas Technology Corp CD4073BMS Datasheet HTML 6Page - Renesas Technology Corp CD4073BMS Datasheet HTML 7Page - Renesas Technology Corp CD4073BMS Datasheet HTML 8Page - Renesas Technology Corp CD4073BMS Datasheet HTML 9Page - Renesas Technology Corp CD4073BMS Datasheet HTML 10Page - Renesas Technology Corp CD4073BMS Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CD4073BMS, CD4081BMS, CD4082BMS
FN3324 Rev 1.00
Page 9 of 11
October 2015
Typical Performance Characteristics
FIGURE 7. TYPICAL VOLTAGE TRANSFER
CHARACTERISTICS
FIGURE 8. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
FIGURE 9. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 10. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 11. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 12. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
5
SUPPLY VOLTAGE (VDD) = 15V
0
5
10
15
20
25
10
15
20
INPUT VOLTAGE (VIN) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
50
SUPPLY VOLTAGE (VDD) = 15V
10
LOAD CAPACITANCE (CL) (pF)
25
75
100
125
150
175
200
020
30
40
50
60
70
80 90
100
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com