Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSP2510D Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CSP2510D
Description  3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSP2510D Datasheet(HTML) 2 Page - Renesas Technology Corp

  CSP2510D Datasheet HTML 1Page - Renesas Technology Corp CSP2510D Datasheet HTML 2Page - Renesas Technology Corp CSP2510D Datasheet HTML 3Page - Renesas Technology Corp CSP2510D Datasheet HTML 4Page - Renesas Technology Corp CSP2510D Datasheet HTML 5Page - Renesas Technology Corp CSP2510D Datasheet HTML 6Page - Renesas Technology Corp CSP2510D Datasheet HTML 7Page - Renesas Technology Corp CSP2510D Datasheet HTML 8Page - Renesas Technology Corp CSP2510D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
0
°CTO85°CTEMPERATURERANGE
IDTCSP2510D
3.3V PHASE-LOCK LOOP CLOCK DRIVER
PIN CONFIGURATION
TSSOP
TOP VIEW
CLK
AVDD
VDD
Y9
Y8
GND
GND
Y7
Y6
Y5
VDD
FBIN
AGND
VDD
Y0
Y1
Y2
GND
GND
Y3
Y4
VDD
G
FBOUT
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Max
Unit
VDD
Supply Voltage Range
–0.5 to +4.6
V
VI(1)
InputVoltageRange
–0.5 to +6.5
V
VO(1,2)
Voltage range applied to any
–0.5 to VDD + 0.5
V
output in the high or low state
IIK
Inputclampcurrent
–50
mA
(VI <0)
IOK
Terminal Voltage with Respect
±50
mA
(VO <0 or
to GND (inputs VIH 2.5, VIL 2.5)
VO > VDD)
IO
ContinuousOutputCurrent
±50
mA
(VO = 0 to VDD)
VDD or GND
ContinuousCurrent
±100
mA
TSTG
StorageTemperatureRange
– 65 to +150
° C
TJ
JunctionTemperature
+150
° C
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150
°C and a board trace length of 750 mils.
CAPACITANCE
NOTE:
1. Unused inputs must be held HIGH or LOW to prevent them from floating.
Parameter
Description
Min.
Typ.
Max.
Unit
CIN
InputCapacitance
⎯
5
⎯
pF
VI = VDD or GND
CO
OutputCapacitance
⎯
6
⎯
pF
VO = VDD or GND
CL
LoadCapacitance
⎯
30
⎯
pF
RECOMMENDED OPERATING CONDITIONS
Symbol
Description
Min.
Max.
Unit
VDD, AVDD
Power Supply Voltage
3
3.6
V
TA
OperatingFree-AirTemperature
0
+85
° C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com