Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV141 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CV141
Description  1-TO-8 DIFFERENTIAL CLOCK BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV141 Datasheet(HTML) 1 Page - Renesas Technology Corp

  CV141 Datasheet HTML 1Page - Renesas Technology Corp CV141 Datasheet HTML 2Page - Renesas Technology Corp CV141 Datasheet HTML 3Page - Renesas Technology Corp CV141 Datasheet HTML 4Page - Renesas Technology Corp CV141 Datasheet HTML 5Page - Renesas Technology Corp CV141 Datasheet HTML 6Page - Renesas Technology Corp CV141 Datasheet HTML 7Page - Renesas Technology Corp CV141 Datasheet HTML 8Page - Renesas Technology Corp CV141 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV141
1-TO-8DIFFERENTIALCLOCKBUFFER
1
OCTOBER 2005
IDTCV141
COMMERCIAL TEMPERATURE RANGE
1-TO-8 DIFFERENTIAL
CLOCK BUFFER
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2005 Integrated Device Technology, Inc.
DSC 6738/19
FEATURES:
• Compliant with Intel DB800 spec
• Eight differential clock pairs at 0.7V
• 50ps skew
• 50ps cycle-to-cycle jitter
• Programmable Bandwidth
• PLL bypass configurable
• Divide by 2 programmable
• Available in SSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The CV141 differential buffer is compliant with Intel DB800 specifications. It
is intended to distribute the SRC (serial reference clock) as a companion chip
to the main clock of the CK409, CK410/CK410M, CK410B, etc. PLL is off in
bypass mode and has no clock detect.
DIV
PLL
Output
Buffer
DIF_0
DIF_0#
DIF_1
DIF_1#
DIF_2
DIF_2#
DIF_3
DIF_3#
DIF_4
DIF_4#
DIF_5
DIF_5#
DIF_6
DIF_6#
DIF_7
DIF_7#
SCL
SDA
SRC_DIV2#
SRC_IN#
SRC_IN
Output
Control
HIGH_BW#
PLL/BYPASS#
OE[7:0]
SRC_STOP
PWRDWN
SM Bus
Controller
LOCK
OE_INV
(1)
(1)
(1)
NOTE:
1. See OE_INV table for active HIGH or active LOW.


Similar Part No. - CV141

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CV140K05 SEI-CV140K05 Datasheet
1Mb / 7P
Low and Medium Voltage Leaded Varistor
08/21/2019
logo
Bourns Electronic Solut...
CV140K10 BOURNS-CV140K10 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10AL1 BOURNS-CV140K10AL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10AL5 BOURNS-CV140K10AL5 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10BL1 BOURNS-CV140K10BL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
More results

Similar Description - CV141

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
IDT8T79S828I-08 IDT-IDT8T79S828I-08 Datasheet
479Kb / 28P
1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
logo
Renesas Technology Corp
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
CV145 RENESAS-CV145 Datasheet
282Kb / 14P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
JUNE 2006
IDT8T79S818I-08 RENESAS-IDT8T79S818I-08 Datasheet
1,004Kb / 29P
1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
JULY 11, 2013
IDT8T79S828-08I RENESAS-IDT8T79S828-08I Datasheet
794Kb / 29P
1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
APRIL 22, 2014
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
8:1 Differential-to-LVDS Clock Multiplexer
2019
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
1 to 19 Differential Clock Buffer
February 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com