Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV145 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CV145
Description  1-TO-19 DIFFERENTIAL CLOCK BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV145 Datasheet(HTML) 1 Page - Renesas Technology Corp

  CV145 Datasheet HTML 1Page - Renesas Technology Corp CV145 Datasheet HTML 2Page - Renesas Technology Corp CV145 Datasheet HTML 3Page - Renesas Technology Corp CV145 Datasheet HTML 4Page - Renesas Technology Corp CV145 Datasheet HTML 5Page - Renesas Technology Corp CV145 Datasheet HTML 6Page - Renesas Technology Corp CV145 Datasheet HTML 7Page - Renesas Technology Corp CV145 Datasheet HTML 8Page - Renesas Technology Corp CV145 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV145
1-TO-19DIFFERENTIALCLOCKBUFFER
1
JUNE 2006
IDTCV145
COMMERCIAL TEMPERATURE RANGE
1-TO-19 DIFFERENTIAL
CLOCK BUFFER
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2005 Integrated Device Technology, Inc.
DSC-6753/14
DESCRIPTION:
TheCV145differentialbuffercomplieswithIntelDB1900G,andisdesigned
to work in conjunction with the main clock of CK409, CK410/CK410M and
CK410B etc., PLL is off in bypass mode and no clock detect.
FEATURES:
• Compliant with Intel DB1900G
• DIF Clock Support
− 19 differential clock output pairs @ 0.7 V
− 150 ps skew performance across all outputs
• OE pin Control of All Outputs
• 3.3 V Operation
• Gear Ratio supporting generation of clocks at a different
frequency ratioed from the input.
• Split outputs supporting options of 2 outputs @1:1 and
remaining 17 pairs at an alternate gear
• Pin level OE control of individual outputs
• Multiple output frequency options up to 400Mhz as a gear ratio
of input clocks of 100-400Mhz
• Output is HCSL compatible
• SMBus Programmable configurations
• PLL Bypass Configurable
• SMBus address configurable to allow multiple buffer control in
a single control network
• Programmable Bandwidth
• Glitchfree transition between frequency states
• Available in 72-pin VFQPFN package
DIF_0
DIF_0#
DIF_1
DIF_1#
DIF_2
DIF_2#
DIF_3
DIF_3#
DIF_4
DIF_4#
DIF_5
DIF_5#
DIF_6
DIF_6#
PLL
CLK_IN#
CLK_IN
HIGH_BW#
SA_2/PLL_BYPASS#
Output
Buffer
SCL
SDA
Output
Control
OE[16:5]#
PD#
SM Bus
Controller
OE_17_18#
OE_01234#
DIF_18
DIF_18#
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - CV145

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CV140K05 SEI-CV140K05 Datasheet
1Mb / 7P
Low and Medium Voltage Leaded Varistor
08/21/2019
logo
Bourns Electronic Solut...
CV140K10 BOURNS-CV140K10 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10AL1 BOURNS-CV140K10AL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10AL5 BOURNS-CV140K10AL5 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10BL1 BOURNS-CV140K10BL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
More results

Similar Description - CV145

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
logo
Integrated Device Techn...
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
Crystal or Differential-to-Differential Clock Fanout Buffer
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
logo
ON Semiconductor
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
logo
Renesas Technology Corp
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
CV141 RENESAS-CV141 Datasheet
245Kb / 11P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
OCTOBER 2005
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
1 to 19 Differential Clock Buffer
February 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com