Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1482 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1482
Description  MPEG2 Main Profile Video Decoding on ST100
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1482 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1482 Datasheet HTML 1Page - STMicroelectronics AN1482 Datasheet HTML 2Page - STMicroelectronics AN1482 Datasheet HTML 3Page - STMicroelectronics AN1482 Datasheet HTML 4Page - STMicroelectronics AN1482 Datasheet HTML 5Page - STMicroelectronics AN1482 Datasheet HTML 6Page - STMicroelectronics AN1482 Datasheet HTML 7Page - STMicroelectronics AN1482 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN1482 - APPLICATION NOTE
4/8
2 - PROFILING OF THE CODE
2.1 - Wang IDCT
This block has been taken directly from the Simple Profile implementation. Since inverse zig-zag/
alternate scan is already performed by the Huffman decoding/IQ block, there’s no need to unroll the first
loop of IDCT, and the code size is significantly reduced. The module wang_idct.st1* is made by two
functions, one for intra IDCT (that includes clipping and add 128) and one for non-intra IDCT. This module
uses 32 bytes of read-only data memory for constants (
IDCT_const). The code size and performances
are reported in Table 1.
This algorithm can be replaced by the high performance Huang IDCT, whose ST120 implementation is
now available.
*
For
more
information
on
the
MPEG2
code
implemented
on
ST120
please
contact
st100.marketing@st.com.
2.2 - Add_Prediction()
This function is located in the module add_pred.st1. Its purpose is to compute the sum of two 8x8 blocks
and clip the result in the range [0,255]. In fact, one of the two blocks is the predictor computed by
temporal prediction and the other is the difference block read from bitstream. The result overwrites the
predictor, and this highlights a global optimization that is very effective: Add_Prediction() is applied only
to the decoded blocks that are non-null, based on the
coded block pattern read from bitstream. The
frame/field DCT coding is dealt with at this time: the Add_Prediction() routine can read the predictor both
in frame or field mode, and the result is written in the same fashion. Table 2 shows the number of clock
cycles needed for this function in both frame/field cases and its code size.
2.3 - Huffman Decoding/Inv Quant/Inverse Scan
This is the function that takes from the input bitstream the Huffman variable length codes of the data
coefficients for one 8x8 block and decodes them. Then, inverse quantization and reverse zig-zag/
alternate scan are applied. Another task performed by this function, is to clear the result block before
starting decoding. This is needed since the decoding process affects only the non-zero coefficients. Four
of these functions are needed to build a Main Profile decoder, that is MPEG-1 backward compatible. In
particular, we need different functions for intra and non-intra blocks, since they use different Huffman
tables. MPEG-1 backward compatibility requires to deal with a different kind of escape codes, whose
peculiarity is the fact that they do not have a fixed length (there is a sort of "escape in escape" increasing
the level of difficulty).
The computational cost of the four functions cannot be given as standalone, since it depends on the
number of symbols that are decoded. The only interesting figure is the number of cycles/symbol, that is
the same for all the four functions (Table 3).
Table 1 : Wang IDCT (code size and cycles)
Function
Code Size (Bytes)
Cycles/8x8 Block
Wang_idct()
1104
530
Wang_idct_inter()
996
469
Table 2 : Add prediction (code size and cycles)
Function
Code Size (Bytes)
Cycles/8x8 Block
Frame DCT Coding
Cycles/8x8 Block
Field DCT Coding
Add_Prediction()
612
117
115



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com