Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0787 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR0787
Description  High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0787 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR0787 Datasheet HTML 1Page - ATMEL Corporation ATR0787 Datasheet HTML 2Page - ATMEL Corporation ATR0787 Datasheet HTML 3Page - ATMEL Corporation ATR0787 Datasheet HTML 4Page - ATMEL Corporation ATR0787 Datasheet HTML 5Page - ATMEL Corporation ATR0787 Datasheet HTML 6Page - ATMEL Corporation ATR0787 Datasheet HTML 7Page - ATMEL Corporation ATR0787 Datasheet HTML 8Page - ATMEL Corporation ATR0787 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ATR0787
4588B–SIGE–02/03
Pin Configuration
Figure 2.
Pinning TSSOP16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Gnd
Vcc
Gnd
RF_Out-
RF_Out+
Gnd
Vcc
IF_IN-
Gnd
Vcc
Gnd
LO_IN-
LO_IN+
Gnd
Vcc
IF_IN+
Pin Description
Pin
Symbol
Function
1
GND
Ground
2
Vcc
Supply voltage
3
GND
Ground
4
RF_OUT-
Negative RF output; nominal DC voltage is 2.3 V; (Internally biased) Input should be AC-coupled
5
RF_OUT+
Positive RF output; nominal DC voltage is 2.3 V; (Internally biased) Input should be AC-coupled
6
GND
Ground
7
Vcc
Supply voltage
8
IF_IN-
Negative IF input; nominal DC voltage is 2.3 V, provided through off chip inductors
9
IF_IN+
Positive IF input; nominal DC voltage is 2.3 V, provided through off chip inductors
10
Vcc
Supply voltage
11
GND
Ground
12
LO_IN+
Negative local oscillator input; nominal DC voltage is 2.3 V; (Internally biased) Input should be AC-
coupled
13
LO_IN-
Positive local oscillator input; nominal DC voltage is 2.3 V; (Internally biased) Input should be AC-coupled
14
GND
Ground
15
Vcc
Supply voltage
16
GND
Ground
Paddle
–
Device ground and heat sink, requires good thermal path; RF reference plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com