Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8302AMILFT Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 8302AMILFT
Description  LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8302AMILFT Datasheet(HTML) 3 Page - Renesas Technology Corp

  8302AMILFT Datasheet HTML 1Page - Renesas Technology Corp 8302AMILFT Datasheet HTML 2Page - Renesas Technology Corp 8302AMILFT Datasheet HTML 3Page - Renesas Technology Corp 8302AMILFT Datasheet HTML 4Page - Renesas Technology Corp 8302AMILFT Datasheet HTML 5Page - Renesas Technology Corp 8302AMILFT Datasheet HTML 6Page - Renesas Technology Corp 8302AMILFT Datasheet HTML 7Page - Renesas Technology Corp 8302AMILFT Datasheet HTML 8Page - Renesas Technology Corp 8302AMILFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
8302I Data Sheet
©2016 Integrated Device Technology, Inc
Revision A March 4, 2016
3
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
3.135
3.3
3.465
V
V
DDO
Output Power Supply Voltage
3.135
3.3
3.465
V
I
DD
Power Supply Current
14
mA
I
DDO
Output Supply Current
5mA
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 3B. POWER SUPPLY DC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
3.135
3.3
3.465
V
V
DDO
Output Supply Voltage
2.375
2.5
2.625
V
I
DD
Power Supply Current
14
mA
I
DDO
Output Supply Current
5mA
TABLE 3C. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
DD + 0.3
V
V
IL
Input Low Voltage
-0.3
1.3
V
I
IH
Input High Current
CLK
V
DD = VIN = 3.465V
150
µA
I
IL
Input Low Current
CLK
V
DD = 3.465V, VIN = 0V
-5
µA
V
OH
Output High Voltage
50
Ω to V
DDO/2
2.6
V
I
OH = -100µA
2.9
V
V
OL
Output Low Voltage
50
Ω to V
DDO/2
0.5
V
I
OL = 100µA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com