Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA1122AEHZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA1122AEHZ
Description  43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1122AEHZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA1122AEHZ Datasheet HTML 2Page - Analog Devices ADPA1122AEHZ Datasheet HTML 3Page - Analog Devices ADPA1122AEHZ Datasheet HTML 4Page - Analog Devices ADPA1122AEHZ Datasheet HTML 5Page - Analog Devices ADPA1122AEHZ Datasheet HTML 6Page - Analog Devices ADPA1122AEHZ Datasheet HTML 7Page - Analog Devices ADPA1122AEHZ Datasheet HTML 8Page - Analog Devices ADPA1122AEHZ Datasheet HTML 9Page - Analog Devices ADPA1122AEHZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
ADPA1122
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 17
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 3, 12, 13
VDD3A, VDD2A, VDD1, VDD2B, VDD3B
Power Supply Voltage for the Power Amplifier. First, second, and third stage drain bias. See Figure 3 for
the interface schematic.
4
VGG1
Gate Bias Voltage. See Figure 4 for the interface schematic.
5, 9, 11, 14
NIC
Not Internally Connected. The NIC pins are not connected internally. However, all data shown was
measured with the NIC pins connected to RF and dc ground externally.
6, 8, 15, 17
GND
Ground. The GND pins must be connected to RF and dc ground. See Figure 5 for the interface
schematic.
7
RFIN
RF Input. The RFIN pin is ac-coupled in the signal path and is matched to 50 Ω. See Figure 6 for the
interface schematic. If the RFIN pin is externally connected to a DC bias level other than 0 V, ac-couple
the RFIN pin externally because of the internal DC path to ground.
10
VREF
Reference Diode for Temperature Compensation of VDET RF POUT Measurements. See Figure 8 for the
interface schematic.
16
RFOUT
RF Output. The RFOUT pin is ac-coupled and is matched to 50 Ω. See Figure 7 for the interface
schematic.
18
VDET
Detector Diode to Measure RF POUT. POUT detection via the VDET pin requires the application of a DC
bias voltage through an external series resistor. Used in combination with the VREF pin, the difference
voltage (VREF voltage (VREF) − VDET voltage (VDET)) is a temperature compensated DC voltage that is
proportional to the RF POUT. See Figure 9 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com