Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPP02-M18 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TCPP02-M18
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP02-M18 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TCPP02-M18 Datasheet HTML 5Page - STMicroelectronics TCPP02-M18 Datasheet HTML 6Page - STMicroelectronics TCPP02-M18 Datasheet HTML 7Page - STMicroelectronics TCPP02-M18 Datasheet HTML 8Page - STMicroelectronics TCPP02-M18 Datasheet HTML 9Page - STMicroelectronics TCPP02-M18 Datasheet HTML 10Page - STMicroelectronics TCPP02-M18 Datasheet HTML 11Page - STMicroelectronics TCPP02-M18 Datasheet HTML 12Page - STMicroelectronics TCPP02-M18 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
6
Functional description
6.1
Overview
The TCPP02-M18 is a cost effective solution to protect microcontrollers featuring built-in USB-C power delivery
(UCPD) controller or other low voltage power delivery controller.
Please refer to TA0357 for an overview of USB Type-C™ and power delivery technologies.
Please refer to AN5225 for more informations related to USB Type-C™ power delivery using STM32xx Series
MCUs and STM32xxx series MPUs.
6.2
Power modes
The TCPP02-M18 embeds three distinct power modes controlled by the UCPD controller via the I2C bus.
Figure 6. Power modes process
Hibernate:
• No power source
Low power:
• PD communication impracticable
Start-up
I2C
command
Unattached State
I2C
command
Attached State
No DC current on ENABLE
No DC current on VCC_VCONN
Low DC current on ENABLE
No DC current on VCC_VCONN
Normal DC current on ENABLE
Normal DC current on VCC_VCONN
Normal:
• Full performances
TCPP02-M18
Functional description
DS13787 - Rev 4
page 9/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com