Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST33TPHF2XI2C Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST33TPHF2XI2C
Description  STSAFE-TPM ST33TPHF2XI2C: TPM 2.0 device with an I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XI2C Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST33TPHF2XI2C Datasheet HTML 22Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 23Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 24Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 25Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 26Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 27Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 28Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 29Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
List of tables
Table 1.
Pin descriptions ..................................................................... 4
Table 2.
I²C TPM register overview.............................................................. 5
Table 3.
Linux drivers location ................................................................. 7
Table 4.
Absolute maximum ratings ............................................................. 8
Table 5.
DC characteristics (VPS = 1.8 V or 3.3 V ± 10%) .............................................. 8
Table 6.
Power-on and warm reset timing characteristics............................................... 9
Table 7.
Power consumption characteristics ....................................................... 9
Table 8.
I²C characteristics .................................................................. 11
Table 9.
AC measurement conditions ........................................................... 12
Table 10.
Maximum VPS rising slope ............................................................ 14
Table 11.
VFQFPN32 - mechanical data .......................................................... 16
Table 12.
Thermal characteristics............................................................... 17
Table 13.
Packages on tape and reel ............................................................ 18
Table 14.
Reel dimensions ................................................................... 18
Table 15.
Carrier tape dimensions for VFQFPN32 5 × 5 mm ............................................ 19
Table 16.
Ordering information................................................................. 21
Table 17.
List of abbreviations ................................................................. 23
Table 18.
Document revision history ............................................................. 26
ST33TPHF2XI2C
List of tables
DS14167 - Rev 1
page 29/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com