Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST70134 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST70134
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST70134_V01 Datasheet HTML 14Page - STMicroelectronics ST70134_V01 Datasheet HTML 15Page - STMicroelectronics ST70134_V01 Datasheet HTML 16Page - STMicroelectronics ST70134_V01 Datasheet HTML 17Page - STMicroelectronics ST70134_V01 Datasheet HTML 18Page - STMicroelectronics ST70134_V01 Datasheet HTML 19Page - STMicroelectronics ST70134_V01 Datasheet HTML 20Page - STMicroelectronics ST70134_V01 Datasheet HTML 21Page - STMicroelectronics ST70134_V01 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ST70134A
20/22
PACKAGE MECHANICAL DATA
Figure 10 : Package Outline TQFP64
Dimension
Millimeter
Inch
Minimum
Typical
Maximum
Minimum
Typical
Maximum
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.18
0.23
0.28
0.007
0.009
0.011
C
0.12
0.16
0.20
0.0047
0.0063
0.0079
D
12.00
0.472
D1
10.00
0.394
D3
7.50
0.295
e
0.50
0.0197
E
12.00
0.472
E1
10.00
0.394
E3
7.50
0.295
L
0.40
0.60
0.75
0.0157
0.0236
0.0295
L1
1.00
0.0393
K
0° (minimum), 7° (maximum)
64
49
17
32
1
16
48
33
e
c
A1
A2
A
D3
D1
D
K
0,25 mm
.010 inch
GAGE PLANE
0,10 mm
.004 inch
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com