Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST70134A Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST70134A Datasheet HTML 11Page - STMicroelectronics ST70134A Datasheet HTML 12Page - STMicroelectronics ST70134A Datasheet HTML 13Page - STMicroelectronics ST70134A Datasheet HTML 14Page - STMicroelectronics ST70134A Datasheet HTML 15Page - STMicroelectronics ST70134A Datasheet HTML 16Page - STMicroelectronics ST70134A Datasheet HTML 17Page - STMicroelectronics ST70134A Datasheet HTML 18Page - STMicroelectronics ST70134A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ST70134A
15/22
Control Interface Timing
The word clock (CLWD) is used to sample at negative going edge the control information. The start bit
b15 is transmitted first followed by bits b[14:0] and at least 16 stop bits need to be provided to validate the
data.
Data set-up and hold time versus falling edge CLWD must be greater than 10nsec.
Receive / Transmit Interface
RECEIVE / TRANSMIT PROTOCOL
The digital interface is based on 4 x 8.832MHz (35.328MHz) data lines in the following manner:
If OSR = 2 (OSR bit set to 1) is selected, CLKNIB is used as nibble clock (17.664MHz, disabled in normal
mode), and all the RXi, TXi, CLKWD periods are twice as long as in normal mode. This ensures a
compatibility with lower speed products.
TX Signal Dynamic
The dynamic of data signal for both TX DACs is 12 bits extracted from the available signed 16 bit repre-
sentation coming from the digital processor.
The maximal positive number is 214-1, the most negative number is -214, the 3 LSBs are filled with ’0’.
Any signal exceeding these limits is clamped to the maximum value.
The two sign bits must be identical.
Figure 8 : Control Interface
Table 18 : TX Data Bit Map
BIT MAP/NIBBLE
N0
N1
N2
N3
TXD0
not used
data bit 1
data bit 5
data bit 9
TXD1
not used
data bit 2
data bit 6
data bit 10
TXD2
not used
data bit 3
data bit 7
data SIGN
TXD3
d0 = data bit 0 (LSB)
data bit 4
data bit 8
data SIGN
Table 19 : TX Nibble Bit Map
N3
N2
N1
N0
sign
sign
d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
n.u.
n.u.
n.u.
Data
CLWD
CTRLIN
Start
Bit
ID.
>=16 Stop
Bits = High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com