Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12SGR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEF12SGR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SGR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEF12SGR Datasheet HTML 5Page - STMicroelectronics STEF12SGR Datasheet HTML 6Page - STMicroelectronics STEF12SGR Datasheet HTML 7Page - STMicroelectronics STEF12SGR Datasheet HTML 8Page - STMicroelectronics STEF12SGR Datasheet HTML 9Page - STMicroelectronics STEF12SGR Datasheet HTML 10Page - STMicroelectronics STEF12SGR Datasheet HTML 11Page - STMicroelectronics STEF12SGR Datasheet HTML 12Page - STMicroelectronics STEF12SGR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
6.4
Output voltage clamp
This internal protection circuit clamps the output voltage to a maximum safe value, typically 15 V, if the input
voltage exceeds the VCLAMP threshold. In this condition, the device regulates the output voltage, therefore the
power dissipation increases. Thermal shutdown can occur if the overvoltage persists.
6.5
Current limiting
During the operation, if the load current reaches the ILIM threshold, an overload is detected. The current limiting
circuit reduces the conductivity of the power MOSFET, in order to clamp the output current at the ISHORT
value. The overload threshold and current limit can be customized by the limiting resistor RLim Figure 3. Typical
application circuit.
As shown in Section 1 Diagram, the device uses an internal N-channel sense FET with a fixed ratio, to monitor
the output current and limit it at the level set by the user.
To achieve the requested current limitation, the RLim value can be selected by using the following table, together
with the graph in Figure 8. ILim and IShort vs. RLim - (STEF12SGR) and Figure 9. ILim and IShort vs. RLim -
(STEF12SPUR). Higher resistor values can be used, but due to the current limit trend shown in the before
mentioned graphs, the minimum values of ILIM and ISHORT are asymptotically limited.
Table 7. ILIM / ISHORT vs. RLim STEF12SGR
RLim (Ω)
15.4
22
24.9
30
39
49.9
100
200
300
ILIM (A)
8
5.5
5.1
4.4
3.8
3.2
2.4
1.7
1.5
ISHORT (A)
5.1
2.8
2.6
2.3
1.9
1.5
0.8
0.4
0.3
Table 8. ILIM / ISHORT vs. RLim STEF12SPUR
RLim (Ω)
15.4
22
24.9
30
39
49.9
100
200
300
ILIM (A)
5.9
4.6
4.4
3.8
3.2
2.8
2
1.5
1.3
ISHORT (A)
3.2
2.4
2.2
1.9
1.7
1.5
0.8
0.4
0.3
Note:
Missing or shorted RLim causes current limit circuit malfunction and may lead to the device damage.
6.6
Thermal shutdown
If the device temperature exceeds the thermal shutdown threshold (TSHDN), typically 165 °C, the power MOSFET
is turned off and the load disconnected.
On the STEF12S latch version, the EN/Fault pin of the device is automatically set to an intermediate voltage
(typically 1.3 V), in order to signal the overtemperature event to the system controller.
The device can be reset from this condition either by cycling the supply voltage or by pulling down the EN pin
below the Vil threshold and then releasing it.
On the autoretry version (STEF12SA), the EN/Fault pin is set to a low logic level and the autoretry circuit attempts
to restart the device with soft-start once the die temperature is reduced to 145 °C typ. (165 °C minus the
hysteresis value, 20 °C typ.).
STEF12S
Output voltage clamp
DS13002 - Rev 5
page 9/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com