Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12SAGR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STEF12SAGR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SAGR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STEF12SAGR Datasheet HTML 7Page - STMicroelectronics STEF12SAGR Datasheet HTML 8Page - STMicroelectronics STEF12SAGR Datasheet HTML 9Page - STMicroelectronics STEF12SAGR Datasheet HTML 10Page - STMicroelectronics STEF12SAGR Datasheet HTML 11Page - STMicroelectronics STEF12SAGR Datasheet HTML 12Page - STMicroelectronics STEF12SAGR Datasheet HTML 13Page - STMicroelectronics STEF12SAGR Datasheet HTML 14Page - STMicroelectronics STEF12SAGR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
For the same reason, a COUT capacitor of at least 1 μF (including voltage and temperature derating) must be
connected to the output port.
When the device is powered by a power line made up of very long wires, the input inductance is higher than few
μH, so the input capacitor should be increased in order to guarantee the proper operation of the device.
It is suggested to provide for additional protections and methods to address these transients, such as:
•
Minimizing inductance of the input and output tracks
•
TVS diodes on the input to absorb inductive spikes
•
Schottky diode on the output to absorb negative spikes. The negative AMR of VOUT pin is - 0.3 V (see
Table 2.), nevertheless, negative transient up to - 0.6 V with a maximum duration of 50 μs are tolerated by
the device. Schottky diode must be selected to satisfy the above requirements.
•
Combination of ceramic and electrolytic capacitors on the input and output.
The PCB layout is critical for a stable and reliable operation. Refer to the typical PCB layout example shown in
Figure 7. PCB layout example and to the following guidelines:
•
Defining the high current input and output copper traces as short as possible and adequately sized to
sustain at least the overload current
•
Placing the RLim resistor close to the ILim pin and connect the other terminal of the component to VOUT with
the shortest possible trace. In fact, parasitic effects on the RLim connection trace can affect the current limit
accuracy.
•
Placing the Cdv/dt capacitor close to the dV/dt pin and connect the other terminal to GND with the shortest
possible trace. Use low-leakage components for Cdvdt.
•
The TSOT23-8L package dissipates the thermal power mainly through the leads, so providing large enough
copper areas around the PCB soldering pads is recommended.
Figure 7. PCB layout example
VOUT /Source
VCC
GND
Top layer
Bottom layer
STEF12S
Application suggestions and PCB layout guidelines
DS13002 - Rev 5
page 11/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com