Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1007-20VC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1007-20VC
Description  1M x 1 Static RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1007-20VC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1007-20VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1007-20VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1007-20VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1007-20VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1007-20VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1007-20VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1007-20VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1007-20VC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY7C107
CY7C1007
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage on VCC Relative to GND
[1]
.....−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1]
....................................... −0.5V to V
CC + 0.5V
DC Input Voltage[1]
.................................... −0.5V to V
CC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Notes:
1.
VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2.
TA is the “instant on” case temperature.
3.
Not more than 1 output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
Operating Range
Range
Ambient
Temperature[2]
VCC
Commercial
0°C to +70°C
5V
± 10%
Industrial
−40°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C107-12
7C1007-12
7C107-15
7C1007-15
7C107-20
7C1007-20
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH
Voltage
VCC = Min., IOH = −4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH
Voltage
2.2
VCC+
0.3
2.2
VCC+
0.3
2.2
VCC+
0.3
V
VIL
Input LOW
Voltage[1]
−0.3
0.8
−0.3
0.8
−0.3
0.8
V
IIX
Input Load Current
GND < VI < VCC
−1+1
−1+1
−1+1
µA
IOZ
Output Leakage
Current
GND < VI < VCC,
Output Disabled
–5+5
–5+5
–5+5
µA
IOS
Output Short
Circuit Current[3]
VCC = Max., VOUT = GND
−300
−300
−300
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
150
135
125
mA
ISB1
Automatic CE
Power-Down
Current— TTL Inputs
Max. VCC, CE > VIH,
VIN >VIH or VIN < VIL,
f = f MAX
50
40
30
mA
ISB2
Automatic CE
Power-Down
Current—
CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or
VIN < 0.3V, f = 0
22
2
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com