Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLS1502V Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PBLS1502V
Description  15 V PNP BISS loadswitch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS1502V Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PBLS1502V Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PBLS1502Y_PBLS1502V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 24 August 2009
2 of 14
NXP Semiconductors
PBLS1502Y; PBLS1502V
15 V PNP BISS loadswitch
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
IO
output current (DC)
-
-
100
mA
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
emitter TR1
2
base TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
collector TR1
001aab555
6
4
5
1
3
2
65
4
1
23
R2
TR1
TR2
R1
sym036
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PBLS1502Y
SC-88
plastic surface mounted package; 6 leads
SOT363
PBLS1502V
-
plastic surface mounted package; 6 leads
SOT666
Table 5.
Marking
Type number
Marking code[1]
PBLS1502Y
*C2
PBLS1502V
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com