Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLS4003D Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PBLS4003D
Description  40 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS4003D Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PBLS4003D Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS4003D Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS4003D Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS4003D Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS4003D Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS4003D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS4003D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS4003D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS4003D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1.
Product profile
1.1 General description
PNP low VCEsat Breakthrough In Small Signal (BISS) transistor and NPN Resistor-
Equipped Transistor (RET) in a SOT457 (SC-74) small Surface-Mounted Device (SMD)
plastic package.
1.2 Features
I Low VCEsat (BISS) and resistor-equipped transistor in one package
I Low threshold voltage (<1 V) compared to MOSFET
I Low drive power required
I Space-saving solution
I Reduction of component count
1.3 Applications
I Supply line switches
I Battery charger switches
I High-side switches for LEDs, drivers and backlights
I Portable equipment
1.4 Quick reference data
[1]
Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
[2]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PBLS4003D
40 V PNP BISS loadswitch
Rev. 03 — 5 January 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat transistor
VCEO
collector-emitter voltage
open base
-
-
−40
V
IC
collector current
[1] --
−1A
RCEsat
collector-emitter saturation
resistance
IC = −500 mA;
IB = −50 mA
[2] -
240
340
m
Ω
TR2; NPN resistor-equipped transistor
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com