Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLS4004V Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PBLS4004V
Description  40 V PNP BISS loadswitch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS4004V Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PBLS4004V Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS4004V Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS4004V Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS4004V Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS4004V Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS4004V Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS4004V Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS4004V Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS4004V Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PBLS4004Y_PBLS4004V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 February 2009
4 of 11
NXP Semiconductors
PBLS4004Y; PBLS4004V
40 V PNP BISS loadswitch
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat transistor
ICBO
collector-base cut-off
current
VCB = −40 V; IE =0A
-
-
−100 nA
VCB = −40 V; IE =0A;
Tj = 150 °C
--
−50
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100 nA
hFE
DC current gain
VCE = −2 V; IC = −10 mA
200
-
-
VCE = −2 V; IC = −100 mA
[1] 150
-
-
VCE = −2 V; IC = −500 mA
[1] 40
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA; IB = −0.5 mA
-
-
−50
mV
IC = −100 mA; IB = −5mA
-
-
−130 mV
IC = −200 mA; IB = −10 mA
-
-
−200 mV
IC = −500 mA; IB = −50 mA
[1] --
−350 mV
RCEsat
collector-emitter
saturation resistance
IC = −500 mA; IB = −50 mA
[1] -
440
700
m
Ω
VBEsat
base-emitter
saturation voltage
IC = −500 mA; IB = −50 mA
[1] --
−1.2
V
VBEon
base-emitter
turn-on voltage
VCE = −2 V; IC = −100 mA
[1] --
−1.1
V
fT
transition frequency
IC = −100 mA; VCE = −5V;
f = 100 MHz
100
300
-
MHz
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f=1MHz
--10
pF
TR2; NPN resistor-equipped transistor
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB = 0 A
--1
µA
VCE =30V; IB =0A;
Tj = 150 °C
--50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
180
µA
hFE
DC current gain
VCE =5V; IC = 5 mA
60
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input voltage
VCE =5V; IC = 100 µA
-
1.1
0.8
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 5 mA
2.5
1.7
-
V
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
-
-
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com