Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC87C51CGF40 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC87C51CGF40
Description  CMOS single-chip 8-bit microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC87C51CGF40 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC87C51CGF40 Datasheet HTML 7Page - NXP Semiconductors SC87C51CGF40 Datasheet HTML 8Page - NXP Semiconductors SC87C51CGF40 Datasheet HTML 9Page - NXP Semiconductors SC87C51CGF40 Datasheet HTML 10Page - NXP Semiconductors SC87C51CGF40 Datasheet HTML 11Page - NXP Semiconductors SC87C51CGF40 Datasheet HTML 12Page - NXP Semiconductors SC87C51CGF40 Datasheet HTML 13Page - NXP Semiconductors SC87C51CGF40 Datasheet HTML 14Page - NXP Semiconductors SC87C51CGF40 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Philips Semiconductors
Product specification
80C31/80C51/87C51
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
11
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±20%, VSS = 0V (PCB80C31/51 and PCF80C31/51) (12, 16, and 24MHz versions)
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V (87C51 12, 16, and 24MHz versions) (PCB80C31/51 33MHz version);
For SC87C51 (33MHz only) Tamb = 0°C to +70°C, VCC = 5V ±5%
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPICAL1
MAX
UNIT
VIL
Input low voltage, except EA7
–0.5
0.2VCC–0.1
V
VIL1
Input low voltage to EA7
0
0.2VCC–0.3
V
VIH
Input high voltage, except XTAL1, RST7
0.2VCC+0.9
VCC+0.5
V
VIH1
Input high voltage, XTAL1, RST7
0.7VCC
VCC+0.5
V
VOL
Output low voltage, ports 1, 2, 311
IOL = 1.6mA2
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN11
IOL = 3.2mA2
0.45
V
VOH
Output high voltage, ports 1, 2, 3, ALE, PSEN3
IOH = –60µA,
IOH = –25µA
IOH = –10µA
2.4
0.75VCC
0.9VCC
V
V
V
VOH1
Output high voltage (port 0 in external bus mode)
IOH = –800µA,
IOH = –300µA
IOH = –80µA
2.4
0.75VCC
0.9VCC
V
V
V
IIL
Logical 0 input current, ports 1, 2, 37
VIN = 0.45V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 37
See note 4
–650
µA
ILI
Input leakage current, port 0
VIN = VIL or VIH
±10
µA
ICC
Power supply current:7
Active mode @ 12MHz8 (Philips)
Active mode @ 12MHz5 (Philips North America)
Idle mode @ 12MHz9 (Philips)
Idle mode @ 12MHz (Philips North America)
Power-down mode10 (Philips and
Philips North America)
See note 6
11.5
1.3
3
18
19
4.4
4
50
mA
mA
mA
mA
µA
RRST
Internal reset pull-down resistor
(Philips North America)
50
300
k
Ω
(Philips)
50
150
k
Ω
CIO
Pin capacitance12
10
pF
NOTES:
1. Typical ratings are not guaranteed. The values listed are at room temperature, 5V.
2. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5mA and no more than two outputs exceed the test conditions.
3. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VCC specification when the
address bits are stabilizing.
4. Pins of ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
5. ICCMAX at other frequencies (for Philips North America parts) is given by: Active mode: ICCMAX = 1.43 X FREQ + 1.90;
Idle mode: ICCMAX = 0.14 X FREQ +2.31, where FREQ is the external oscillator frequency in MHz. ICCMAX is given in mA. See Figure 8.
6. See Figures 9 through 12 for ICC test conditions.
7. For Philips North America parts when Tamb = –40°C to +85°C or Philips parts when Tamb = –40°C to +125°C, see DC Electrical
Characteristics table on previous page.
8. The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10ns; VIL = VSS + 0.5V;
VIH = VCC – 0.5V; XTAL2 not connected; EA = RST = Port 0 = VCC.
9. The idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10ns; VIL = VSS + 0.5V;
VIH = VCC – 0.5V; XTAL2 not connected; EA = Port 0 = VCC; RST = VSS.
10. The power-down current is measured with all output pins disconnected, XTAL2 not connected, EA = Port 0 = VCC; RST = VSS.
11. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA
Maximum IOL per 8-bit port:
26mA
Maximum IOL total for all outputs:
67mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
12. Pin capacitance for the ceramic DIP package is 15pF maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com