Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5L102 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5L102
Description  CompactPCI Hot Swap Pull-up Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L102 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5L102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PI5L102
CompactPCIHotSwapPull-UpSwitch
3
PS8491C
02/20/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Note:
1. This parameter is determined by device characterization, but not production tested.
2. Switch ON Capacitance accounts for capacitance of both switch channels (IX0 & IX1) ON at one time.
3. X = A, B, C, or D; N = 0 or 1
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 6.2V, TA = 25°C ambient temperature.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
PowerSupplyCharacteristics
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC=Max.
VIN=GNDorVCC
—
0.1
3.0
µA
Supply Current
∆ICC
Supply Current per
VCC=Max.
VIN=3.4V(3)
—
—
2.5
mA
Input@TTLHIGH
ICCD
Supply Current per
VCC=Max.,
—
—
0.25
mA/
Input per MHz(4)
Input Pins Open
MHz
E=GND
Control Input Toggling
50% Duty Cycle
PI5L102
Com.
Parameters
Description
Conditions(1)
Min.
Typ
Max.
Units
tPHZ
Bus Disable Time
CL=50pF
0.5
—
6.0
ns
tPLZ
E to Y
RL =500ohm
tPZH
BusEnableTime
0.5
—
5.8
ns
tPZL
E to Y
Notes:
1. See test circuit and waveforms (Figure 2).
Switching Characteristics over Operating Range
s
r
e
t
e
m
a
r
a
P
)
1
(
n
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
p
y
T.
x
a
Ms
ti
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
V N
I
V
0
=
46
F
p
C F
F
O)
x
Y
(
YX
F
F
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C6
8
C
)
I(
F
F
O
I N
X
F
F
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C6
8
C
)
x
Y
(
N
O
)
2
,
1
(
YX
N
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C4
22
3
Capacitance (TA=25°C,f=1MHz)
XN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com