Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71024S20TYGI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 71024S20TYGI
Description  CMOS Static RAM 1 Meg (128K x 8-Bit)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71024S20TYGI Datasheet(HTML) 1 Page - Renesas Technology Corp

  71024S20TYGI Datasheet HTML 1Page - Renesas Technology Corp 71024S20TYGI Datasheet HTML 2Page - Renesas Technology Corp 71024S20TYGI Datasheet HTML 3Page - Renesas Technology Corp 71024S20TYGI Datasheet HTML 4Page - Renesas Technology Corp 71024S20TYGI Datasheet HTML 5Page - Renesas Technology Corp 71024S20TYGI Datasheet HTML 6Page - Renesas Technology Corp 71024S20TYGI Datasheet HTML 7Page - Renesas Technology Corp 71024S20TYGI Datasheet HTML 8Page - Renesas Technology Corp 71024S20TYGI Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Mar. 30.21
Features
◆
◆
◆
◆
◆
128K x 8 advanced high-speed CMOS static RAM
◆
◆
◆
◆
◆
Commercial (0°C to +70°C), Industrial (–40°C to +85°C)
◆
◆
◆
◆
◆
Equal access and cycle times
— Commercial and Industrial: 12/15/20ns
◆
◆
◆
◆
◆
Two Chip Selects plus one Output Enable pin
◆
◆
◆
◆
◆
Bidirectional inputs and outputs directly
TTL-compatible
◆
◆
◆
◆
◆
Low power consumption via chip deselect
◆
◆
◆
◆
◆
Available in 300 and 400 mil Plastic SOJ.
Functional Block Diagram
Description
TheIDT71024isa1,048,576-bithigh-speedstaticRAMorganizedas
128Kx8.Itisfabricatedusinghigh-performance,high-reliabilityCMOS
technology.Thisstate-of-the-arttechnology,combinedwithinnovative
circuitdesigntechniques,providesacost-effectivesolutionforhigh-speed
memoryneeds.
The IDT71024 has an output enable pin which operates as fast
as 6ns, with address access times as fast as 12ns available. All
bidirectional inputs and outputs of the IDT71024 are TTL-compat-
ible, and operation is from a single 5V supply. Fully static asynchro-
nous circuitry is used; no clocks or refreshes are required for
operation.
The IDT71024 is packaged in 32-pin 300 mil Plastic SOJ and 32-
pin 400 mil Plastic SOJ.
CMOS Static RAM
1 Meg (128K x 8-Bit)
71024S
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆
Green parts available, see ordering information


Similar Part No. - 71024S20TYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
More results

Similar Description - 71024S20TYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com