Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71321LA55PPGI Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 71321LA55PPGI
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71321LA55PPGI Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 71321LA55PPGI Datasheet HTML 8Page - Renesas Technology Corp 71321LA55PPGI Datasheet HTML 9Page - Renesas Technology Corp 71321LA55PPGI Datasheet HTML 10Page - Renesas Technology Corp 71321LA55PPGI Datasheet HTML 11Page - Renesas Technology Corp 71321LA55PPGI Datasheet HTML 12Page - Renesas Technology Corp 71321LA55PPGI Datasheet HTML 13Page - Renesas Technology Corp 71321LA55PPGI Datasheet HTML 14Page - Renesas Technology Corp 71321LA55PPGI Datasheet HTML 15Page - Renesas Technology Corp 71321LA55PPGI Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
6.42
71321SA/LA and 71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
12
tWC
tWP
tDW
tDH
tBDD
tDDD
tBDA
tWDD
ADDR"B"
DATAOUT"B"
DATAIN"A"
ADDR"A"
MATCH
VALID
MATCH
VALID
R/
W"A"
BUSY"B"
tAPS
(1)
2691 drw 10
tBAA
Timing Waveform of Write with Port-to-Port Read and BUSY(2,3,4)
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for Slave (IDT71421).
2. CEL = CER = VIL
3. OE = VIL for the reading port.
4. All timing is the same for the left and right ports. Port "A" may be either the left or right port. Port "B" is opposite from port "A".
NOTES:
1. tWH must be met for both BUSY input (IDT71421, slave) or output (IDT71321, Master).
2. BUSY is asserted on port "B" blocking R/W"B", until BUSY"B" goes HIGH.
3. tWB is only for the slave version (IDT71421).
4. All timing is the same for the left and right ports. Port "A" may be either the left or right port. Port "B" is opposite from port "A".
Timing Waveform of Write with BUSY(4)
BUSY"B"
2691 drw 11
R/
W"A"
tWP
tWH
tWB
R/
W"B"
(2)
(1)
(3)
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com