Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1192 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F1192
Description  RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1192 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F1192 Datasheet HTML 20Page - Renesas Technology Corp F1192 Datasheet HTML 21Page - Renesas Technology Corp F1192 Datasheet HTML 22Page - Renesas Technology Corp F1192 Datasheet HTML 23Page - Renesas Technology Corp F1192 Datasheet HTML 24Page - Renesas Technology Corp F1192 Datasheet HTML 25Page - Renesas Technology Corp F1192 Datasheet HTML 26Page - Renesas Technology Corp F1192 Datasheet HTML 27Page - Renesas Technology Corp F1192 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
F1192
RF Dual Wideband Gain-Settable Downconverting Mixer
24
TOCs (-12-) Return Losses, Evaluation Kit Losses, STBY Settling Time
IF Port Return Loss vs. Gain Setting
RF Port Return Loss vs. LO Frequency
LO Port Return Loss vs. LO Power Level
Evaluation Kit IF Transformer Loss vs. Temperature
Evaluation Kit RF Trace Loss vs. Temperature
STBY Settling Time
760 ns
960 ns
1.16 ms
1.36 ms 1.56 ms
1.76 ms
1.96 ms
2.16 ms
560 ns
360 ns
160 ns
-0.26dB
0.06dB
-0.10dB
-0.77dB
-0.43dB
-0.60dB
-0.95dB
1.78 ms
3.56 ms
5.34 ms
7.12 ms
8.90 ms 10.68 ms 12.46 ms 14.24 ms 16.02 ms
-1.78 ms
0.0 ms
STBY
signal
RF signal
envelope
90% at
330 nsec
within 0.1 dB
at 900 nsec
-0.05V
1.75V
2.35V
4.15V
3.55V
1.15V
0.55V
41.7mV
77.7mV
5.7mV
29.7mV
17.7mV
53.7mV
65.7mV
97.0%
101%
98.9%
91.5%
95.2%
93.3%
89.6%
-30
-25
-20
-15
-10
-5
0
50
100
150
200
250
300
350
400
450
500
550
IF Frequency (MHz)
IF_A / G=11dB / 25C amb
IF_B / G=11dB / 25C amb
IF_A / G=8dB / 25C amb
IF_B / G=8dB / 25C amb
IF_A / G=5dB / 25C amb
IF_B / G=5dB / 25C amb
IF_A / G=2dB / 25C amb
IF_B / G=2dB / 25C amb
-25
-20
-15
-10
-5
0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF (GHz)
RFA
RFB
LO Frequency = RF Freq +/- 200 MHz
LO Power = 0 dBm
-25
-20
-15
-10
-5
0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
-5 dBm
0 dBm
+5 dBm
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0
50
100
150
200
250
300
350
400
450
500
550
600
650
IF Frequency (MHz)
T = -40C
T = 25C
T = 105C
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
T = -40C
T = 25C
T = 105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com