Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2255 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F2255
Description  Voltage Variable RF Attenuator 1MHz to 3000MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2255 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F2255 Datasheet HTML 7Page - Renesas Technology Corp F2255 Datasheet HTML 8Page - Renesas Technology Corp F2255 Datasheet HTML 9Page - Renesas Technology Corp F2255 Datasheet HTML 10Page - Renesas Technology Corp F2255 Datasheet HTML 11Page - Renesas Technology Corp F2255 Datasheet HTML 12Page - Renesas Technology Corp F2255 Datasheet HTML 13Page - Renesas Technology Corp F2255 Datasheet HTML 14Page - Renesas Technology Corp F2255 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
© 2018 Renesas Electronics Corporation
11
May 7, 2021
F2255
Datasheet
TYPICAL OPERATING CONDITIONS [S2P @ LOW FREQUENCY, GROUP DELAY] (-6-)
Min. & Max. Attenuation vs. Low Frequency
Low-Frequency RF1 Return Loss vs. VCTRL
Group Delay vs. Frequency
Low-Frequency Attenuation vs. VCTRL
Low-Frequency RF2 Return Loss vs. VCTRL
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
10
20
30
40
50
60
70
80
90
100
Frequency (MHz)
0.0V
2.8V
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0.5MHz
1.0MHz
3.0MHz
7.0MHz
10.0MHz
50.0MHz
100.0MHz
VCTRL (V)
-100
-50
0
50
100
150
200
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C / 0.8V
-40C / 1.8V
25C / 0.8V
25C / 1.8V
105C / 0.8V
105C / 1.8V
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0.5MHz
1.0MHz
3.0MHz
7.0MHz
10.0MHz
50.0MHz
100.0MHz
VCTRL (V)
25C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0.5MHz
1.0MHz
3.0MHz
7.0MHz
10.0MHz
50.0MHz
100.0MHz
VCTRL (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com