Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9222-R Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 38Page - Renesas Technology Corp P9222-R Datasheet HTML 39Page - Renesas Technology Corp P9222-R Datasheet HTML 40Page - Renesas Technology Corp P9222-R Datasheet HTML 41Page - Renesas Technology Corp P9222-R Datasheet HTML 42Page - Renesas Technology Corp P9222-R Datasheet HTML 43Page - Renesas Technology Corp P9222-R Datasheet HTML 44Page - Renesas Technology Corp P9222-R Datasheet HTML 45Page - Renesas Technology Corp P9222-R Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
42
May 5, 2022
10. I2C Function
The P9222-R/RN uses the standard I2C slave implementation protocol to communicate with a host AP or other I2C peripherals. The
communication protocol is implemented by using 8 bits for data and 16 bits for addresses. The default slave address of the P9222-R/RN is
0x61h.
When writing to the P9222-R/RN, care should be taken to only write to registers marked exclusively as Read/Write (RW). Registers marked as
Read Only (R) should never be sent a Write command or unexpected behavior may occur. In addition, register locations marked Reserved
should not receive a Write command. When writing to a RW register that contains a combination of RW fields and reserved fields, a read-
modify-write should be performed to the intended bit/field only. All other bits/field, including reserved bits/fields, should NOT be modified.
The P9222-R/RN Rx device operates in Rx mode. Depending on the firmware (FW) loaded into OTP memory or updated by the AP, the P9222-
R/RN Rx will follow the programmed settings once connected wirelessly to a Tx. Some registers are defined and implemented for Read-only,
some registers are Read/Write, and some registers are volatile and will be reset if power is cycled.
11. Registers
The P9222-R/RN uses the standard I2C slave implementation protocol to communicate with a host AP or other I2C peripherals. The
communication protocol is implemented using 8 bits for data and 16 bits for addresses. The default slave address of the P9222-R/RN is 0x61.
The following tables list address locations, field names, available operations (R or RW), default values, and functional descriptions of internally
accessible registers contained within the P9222-R/RN. The OTP registers are loaded each time the device is powered and cannot be changed
except by new firmware programmed into a blank device. The SRAM registers are available to make setting changes after the device is powered.
These changes are reset to default when the power is cycled or the device is reset.
Table 11. Chip Part Number ID Register, Chip_ID_L (0x00), Chip_ID_H (0x01)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x00 [7:0]
Chip_ID_L
R
0x22
Chip ID low byte
0x01 [7:0]
Chip_ID_H
R
0x92
Chip ID high byte
Table 12. Chip Revision Register, Chip_Rev (0x02)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x02 [7:0]
Chip_Rev
R
0x02
Chip main revision. Latest chip revision is 0x02 (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com