Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G74DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G74DP
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G74DP Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G74DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74LVC2G74 is a high-performance, low-voltage, Si-gate CMOS device, superior to
most advanced CMOS compatible TTL families.
The 74LVC2G74 is a single positive edge triggered D-type flip-flop with individual data (D)
inputs, clock (CP) inputs, set (SD) and (RD) inputs, and complementary Q and Q outputs.
This device is fully specified for partial power down applications using IOFF.
The IOFF circuitry disables the output, preventing damaging backflow current through the
device when it is powered down.
The set and reset are asynchronous active LOW inputs and operate independently of the
clock input. Information on the data input is transferred to the Q output on the
LOW-to-HIGH transition of the clock pulse. The D inputs must be stable, one set-up time
prior to the LOW-to-HIGH clock transition for predictable operation.
Schmitt-trigger action at all inputs makes the circuit highly tolerant to slower input rise and
fall times.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s 5 V tolerant inputs for interfacing with 5 V logic
s High noise immunity
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8-B/JESD36 (2.7 V to 3.6 V)
s
±24 mA output drive (V
CC = 3.0 V)
s ESD protection:
x HBM EIA/JESD22-A114-C exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V
s CMOS low power consumption
s Latch-up performance exceeds 250 mA
s Direct interface with TTL levels
s Inputs accept voltages up to 5 V
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
74LVC2G74
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 01 — 3 November 2005
Product data sheet


Similar Part No. - 74LVC2G74DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G74DP NXP-74LVC2G74DP Datasheet
104Kb / 19P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 03-9 August 2007
74LVC2G74DP NXP-74LVC2G74DP Datasheet
123Kb / 21P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 06-23 December 2009
logo
Nexperia B.V. All right...
74LVC2G74DP NEXPERIA-74LVC2G74DP Datasheet
278Kb / 18P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 14 - 27 August 2021
74LVC2G74DP NEXPERIA-74LVC2G74DP Datasheet
302Kb / 25P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 10 2 April 2013
74LVC2G74DP-Q100 NEXPERIA-74LVC2G74DP-Q100 Datasheet
231Kb / 15P
Single D-type flip-flop with set and reset; positive edge trigger
More results

Similar Description - 74LVC2G74DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74 PHILIPS-74LVC1G74 Datasheet
112Kb / 19P
Single D-type flip-flop with set and reset; positive edge trigger
2005 Feb 01
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC2G74 NXP-74LVC2G74 Datasheet
104Kb / 19P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 03-9 August 2007
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC2G74 NXP-74LVC2G74_09 Datasheet
123Kb / 21P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 06-23 December 2009
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
logo
Nexperia B.V. All right...
74LVC2G74-Q100 NEXPERIA-74LVC2G74-Q100 Datasheet
231Kb / 15P
Single D-type flip-flop with set and reset; positive edge trigger
74LVC1G74-Q100 NEXPERIA-74LVC1G74-Q100 Datasheet
245Kb / 16P
Single D-type flip-flop with set and reset; positive edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com