Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C751 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 83C751
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C751 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 83C751 Datasheet HTML 11Page - NXP Semiconductors 83C751 Datasheet HTML 12Page - NXP Semiconductors 83C751 Datasheet HTML 13Page - NXP Semiconductors 83C751 Datasheet HTML 14Page - NXP Semiconductors 83C751 Datasheet HTML 15Page - NXP Semiconductors 83C751 Datasheet HTML 16Page - NXP Semiconductors 83C751 Datasheet HTML 17Page - NXP Semiconductors 83C751 Datasheet HTML 18Page - NXP Semiconductors 83C751 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Philips Semiconductors
Product specification
83C751/87C751
80C51 8-bit microcontroller family
2K/64 OTP/ROM, I2C, low pin count
1998 May 01
15
I2C Register I2DAT
7
65432
10
Read
RDAT
0
0
0
0
0
0
0
Write
XDAT
X
X
X
X
X
X
X
RDAT
“Receive DATa” is captured from SDA every rising edge of
SCL. Reading I2DAT also clears DRDY and the Transmit
Active state.
XDAT
“Xmit Data” sets the data for the next bit. Writing I2DAT
also clears DRDY and sets the Transmit Active state.
Regarding Software Response Time
Because the 83C751 can run at 16MHz, and because the I2C
interface is optimized for high-speed operation, it is quite likely that
an I2C service routine will sometimes respond to DRDY (which is set
at a rising edge of SCL) and write I2DAT before SCL has gone low
again. If XDAT were applied directly to SDA, this situation would
produce an I2C protocol violation. The programmer need not worry
about this possibility because XDAT is applied to SDA only when
SCL is low.
Conversely, a program that includes an I2C service routine may take
a long time to respond to DRDY. Typically, an I2C routine operates
on a flag-polling basis during a message, with interrupts from other
peripheral functions enabled. If an interrupt occurs, it will delay the
response of the I2C service routine. The programmer need not worry
about this very much either, because the I2C hardware stretches the
SCL low time until the service routine responds. The only constraint
on the response is that it must not exceed the Timer I time-out,
which is at least 765 microseconds.
I2C Register I2CFG
7
6
5
4
3
210
Read
SLAVEN
MASTRQ
0
TIRUN
–
–
CT1
CT0
Write
SLAVEN
MASTRQ
CLRTI
TIRUN
–
–
CT1
CT0
SLAVEN Writing a 1 to “SLAVe ENable” enables the slave functions
of the I2C subsystem. If SLAVEN and MASTRQ are 0, the
I2C hardware is disabled. This bit is cleared to 0 by reset
and by an I2C time-out.
MASTRQ Writing a 1 to “MASTRQ” requests mastership of the I2C.
If a frame from another master is in progress when this
bit is changed from 0 to 1, action is delayed until a stop
condition is detected. Then, or immediately if a frame is
not in progress, a start condition is sent and DRDY is set
(thus making ATN 1 and generating an I2C interrupt).
When a master wishes to release mastership status of
the I2C, it writes a 1 to XSTP in I2CON. MASTRQ is
cleared by reset and by an I2C time-out.
CLRTI
Writing a 1 to this bit clears the Timer I interrupt flag. This
bit position always reads as a 0.
TIRUN
Writing a 1 to this bit lets Timer I run; a zero stops and
clears it. Together with SLAVEN, MASTRQ, and
MASTER, this bit determines operational modes as
shown in Table 4.
CT1,0
These two bits are programmed as a function of the OSC
rate, to optimize the MIN HI and LO time of SCL when
this 83C751 is a master on the I2C. The time value
determined by these bits controls both of these
parameters, and also the timing for stop and start
conditions. These bits are cleared to 00 by reset.
Values to be used in the CT1 and CT0 bits are shown in Table 5. To
allow the I2C bus to run at the maximum rate for a particular
oscillator frequency, compare the actual oscillator rate to the fOSC
max column in the table. The value for CT1 and CT0 is found in the
first line of the table where fOSC max is greater than or equal to the
actual frequency.
The table also shows the osc/12 count for various settings of
CT1/CT0. This allows calculation of the actual minimum high and
low times for SCL as follows:
SCL min high/low time (in microseconds) = 12 * count / osc (in MHz)
For instance, at a 16MHz frequency, with CT1/CT0 set to 10, the
minimum SCL high and low times will be 5.25
µs.
The table also shows the Timer I timeout period (given in machine
cycles) for each CT1/CT0 combination. The timeout period varies
because of the way in which minimum SCL high and low times are
measured. When the I2C interface is operating, Timer I is preloaded
at every SCL transition with a value dependent upon CT1/CT0. The
preload value is chosen such that a minimum SCL high or low time
has elapsed when Timer I reaches a count of 008 (the actual value
preloaded into Timer I is 8 minus the osc/12 count).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com