Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C752 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 83C752
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C752 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 83C752 Datasheet HTML 14Page - NXP Semiconductors 83C752 Datasheet HTML 15Page - NXP Semiconductors 83C752 Datasheet HTML 16Page - NXP Semiconductors 83C752 Datasheet HTML 17Page - NXP Semiconductors 83C752 Datasheet HTML 18Page - NXP Semiconductors 83C752 Datasheet HTML 19Page - NXP Semiconductors 83C752 Datasheet HTML 20Page - NXP Semiconductors 83C752 Datasheet HTML 21Page - NXP Semiconductors 83C752 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Philips Semiconductors
Product specification
83C752/87C752
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
18
EPROM PROGRAMMING AND VERIFICATION
Tamb = 21°C to +27°C, VCC = 5 V ±10%, VSS = 0 V
SYMBOL
PARAMETER
MIN
MAX
UNIT
1/tCLCL
Oscillator/clock frequency
1.2
6
MHz
tAVGL1
Address setup to P0.1 (PROG–) low
10
µs + 24tCLCL
tGHAX
Address hold after P0.1 (PROG–) high
48tCLCL
tDVGL
Data setup to P0.1 (PROG–) low
38tCLCL
tDVGL
Data setup to P0.1 (PROG–) low
38tCLCL
tGHDX
Data hold after P0.1 (PROG–) high
36tCLCL
tSHGL
VPP setup to P0.1 (PROG–) low
10
µs
tGHSL
VPP hold after P0.1 (PROG–)
10
µs
tGLGH
P0.1 (PROG–) width
90
110
µs
tAVQV2
VPP low (VCC) to data valid
48tCLCL
tGHGL
P0.1 (PROG–) high to P0.1 (PROG–) low
10
µs
tSYNL
P0.0 (sync pulse) low
4tCLCL
tSYNH
P0.0 (sync pulse) high
8tCLCL
tMASEL
ASEL high time
13tCLCL
tMAHLD
Address hold time
2tCLCL
tHASET
Address setup to ASEL
13tCLCL
tADSTA
Low address to address stable
13tCLCL
NOTES:
1. Address should be valid at least 24tCLCL before the rising edge of P0.2 (VPP).
2. For a pure verify mode, i.e., no program mode in between, tAVQV is 14tCLCL maximum.
A0–A10
ADDRESS STROBE
PROGRAMMING
PULSES
VPP/VIH VOLTAGE
SOURCE
CLK SOURCE
RESET
CONTROL
LOGIC
87C752
P3.0–P3.7
P0.0/ASEL
P0.1
P0.2
XTAL1
RESET
VCC
VSS
P1.0–P1.7
+5V
DATA BUS
SU00320
Figure 7. Programming Configuration
MIN 2 MACHINE
CYCLES
TEN BIT SERIAL CODE
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
UNDEFINED
UNDEFINED
XTAL1
RESET
P0.2
P0.1
SU00302
Figure 8. Entry into Program/Verify Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com