Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB30CX Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32WB30CX
Description  2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,STM32WB35Cx and STM32WB30Cx
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB30CX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32WB30CX Datasheet HTML 5Page - STMicroelectronics STM32WB30CX Datasheet HTML 6Page - STMicroelectronics STM32WB30CX Datasheet HTML 7Page - STMicroelectronics STM32WB30CX Datasheet HTML 8Page - STMicroelectronics STM32WB30CX Datasheet HTML 9Page - STMicroelectronics STM32WB30CX Datasheet HTML 10Page - STMicroelectronics STM32WB30CX Datasheet HTML 11Page - STMicroelectronics STM32WB30CX Datasheet HTML 12Page - STMicroelectronics STM32WB30CX Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
3.5
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open vias.
2.
The position of tracks and open vias in the solder area should be well balanced. A symmetrical layout is
recommended, to avoid any tilt phenomena caused by asymmetrical solder paste due to solder flow away.
MLPF-WB55-01E3
PCB design preference
DS12804 - Rev 3
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com