Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584NX Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPC584NX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584NX Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPC584NX Datasheet HTML 87Page - STMicroelectronics SPC584NX Datasheet HTML 88Page - STMicroelectronics SPC584NX Datasheet HTML 89Page - STMicroelectronics SPC584NX Datasheet HTML 90Page - STMicroelectronics SPC584NX Datasheet HTML 91Page - STMicroelectronics SPC584NX Datasheet HTML 92Page - STMicroelectronics SPC584NX Datasheet HTML 93Page - STMicroelectronics SPC584NX Datasheet HTML 94Page - STMicroelectronics SPC584NX Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 158 page
background image
DS11734 Rev 6
91/158
SPC584Nx, SPC58ENx, SPC58NNx
Electrical characteristics
92
terr
Erase rate(8)
4.8
C
7.2
9.6
C
6.4
—
C
s/M
B
tprfm
Program rate Factory Mode(8)
1.12
C
1.4
1.6
C
—
—
C
s/M
B
terfm
Erase rate Factory Mode(8)
4.0
C
5.2
5.8
C
—
—
C
s/M
B
tffprogram
Full flash programming time(9) 12.0
C
17.8
22.0
P
15.4
—
—
C
s
tfferase
Full flash erasing time(9)
25.0
C
40.0
50.0
P
40.0
—
—
C
s
tESRT
Erase suspend request
rate(10)
200
T
—
—
—
—
—
— µs
tPSRT
Program suspend request
rate(10)
30
T
—
—
—
—
—
— µs
tAMRT
Array Integrity Check - Margin
Read suspend request rate
15
T
—
—
—
—
—
— µs
tPSUS
Program suspend latency(11)
——
—
—
—
—
12
T
µs
tESUS
Erase suspend latency(11)
——
—
—
—
—
22
T
µs
tAIC0S
Array Integrity Check (6.0 MB,
sequential)(12)
40
T
—
—
—
—
—
—
— ms
tAIC256KS
Array Integrity Check (256
KB, sequential)(12)
1.5
T
—
—
—
—
—
—
— ms
tAIC0P
Array Integrity Check (6.0 MB,
proprietary)(12)
4.0
T
—
—
—
—
—
—
—
s
tMR0S
Margin Read (6.0 MB,
sequential)(12)
120
T
—
—
—
—
—
—
— ms
tMR256KS
Margin Read (256 KB,
sequential)(12)
4.0
T
—
—
—
—
—
—
— ms
1. Characteristics are valid both for Data Flash and Code Flash, unless specified in the characteristics column.
2. Actual hardware operation times; this does not include software overhead.
3. Typical program and erase times assume nominal supply values and operation at 25 °C.
4. Typical End of Life program and erase times represent the median performance and assume nominal supply values.
Typical End of Life program and erase values may be used for throughput calculations. These values are characteristic, but
not tested.
5. Lifetime maximum program & erase times apply across the voltages and temperatures and occur after the specified
number of program/erase cycles. These maximum values are characterized but not tested or guaranteed.
6. Initial factory condition: < 100 program/erase cycles, 25 °C typical junction temperature and nominal (± 5%) supply
voltages.
7. Initial maximum “All temp” program and erase times provide guidance for time-out limits used in the factory and apply for
less than or equal to 100 program or erase cycles, –40 °C < TJ < 150 °C junction temperature and nominal (± 5%) supply
voltages.
Table 44. Flash memory program and erase specifications (continued)
Symbol
Characteristics(1)(2)
Value
Unit
Typ(3) C
Initial max
Typical
end of
life(4)
Lifetime
max(5)
C
25 °C
(6)
All
temp
(7)
C
< 1 K
cycles
< 250 K
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com