Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1480ACDR/US Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST1480ACDR/US
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480ACDR/US Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST1480ACDR/US Datasheet HTML 13Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 14Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 15Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 16Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 17Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 18Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 19Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 20Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Truth table (driver) ................................................................... 3
Table 3.
Absolute maximum ratings ............................................................. 4
Table 4.
Electrical characteristics ............................................................... 5
Table 5.
Logic input electrical characteristics ....................................................... 5
Table 6.
Transmitter electrical characteristics ....................................................... 5
Table 7.
Receiver electrical characteristics ........................................................ 6
Table 8.
Driver switching characteristics .......................................................... 6
Table 9.
Receiver switching characteristics ........................................................ 7
Table 10.
SO-8 mechanical data ............................................................... 16
Table 11.
Ordering information................................................................. 17
Table 12.
Document revision history ............................................................. 18
ST1480US
List of tables
DS13697 - Rev 1
page 20/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com