Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC31H12CWY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC31H12CWY
Description  2 X 15 A, 1200 V power Schottky silicon carbide diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC31H12CWY Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC31H12CWY Datasheet HTML 1Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 2Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 3Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 4Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 5Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 6Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 7Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 8Page - STMicroelectronics STPSC31H12CWY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Table 4. Dynamic electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
QCj (1)
Total capacitive charge
VR = 800 V
-
94
-
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
-
1200
-
pF
VR = 800 V, Tc = 25 °C, F = 1 MHz
-
78
-
1.
Most accurate value for the capacitive charge:
QcjVR = ∫0VRCjVdV
1.1
Characteristics (curves)
Figure 1. Forward voltage drop versus forward current
(typical values, per diode)
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF(V)
Ta = 150 °C
Pulse test : tp = 500 µs
Ta = 25 °C
Ta = -40 °C
IF(A)
Figure 2. Reverse leakage current versus reverse voltage
applied (typical values, per diode)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
VR (V)
Tj = 25 °C
Tj = 150 °C
IR (µA)
Figure 3. Peak forward current versus case temperature
(per diode)
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
TC(°C)
IM(A)
T
δ=tp/T
tp
δ = 0.1
δ = 0.3
δ = 0.5
δ = 1
δ = 0.7
Figure 4. Junction capacitance versus reverse voltage
applied (typical values, per diode)
0
200
400
600
800
1000
1200
0.1
1.0
10
100
1000
10000
VR(V)
Cj(pF)
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
STPSC31H12C-Y
Characteristics (curves)
DS13325 - Rev 2
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com