Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87LPC767 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 87LPC767
Description  Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC767 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 87LPC767 Datasheet HTML 5Page - NXP Semiconductors 87LPC767 Datasheet HTML 6Page - NXP Semiconductors 87LPC767 Datasheet HTML 7Page - NXP Semiconductors 87LPC767 Datasheet HTML 8Page - NXP Semiconductors 87LPC767 Datasheet HTML 9Page - NXP Semiconductors 87LPC767 Datasheet HTML 10Page - NXP Semiconductors 87LPC767 Datasheet HTML 11Page - NXP Semiconductors 87LPC767 Datasheet HTML 12Page - NXP Semiconductors 87LPC767 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Philips Semiconductors
Product data
87LPC767
Low power, low price, low pin count (20 pin)
microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
6
P2.0–P2.1
6, 7
I/O
Port 2: Port 2 is a 2-bit I/O port with a user-configurable output type. Port 2 latches are configured in the
quasi-bidirectional mode and have either ones or zeros written to them during reset, as determined by
the PRHI bit in the UCFG1 configuration byte. The operation of port 2 pins as inputs and outputs
depends upon the port configuration selected. Each port pin is configured independently. Refer to the
section on I/O port configuration and the DC Electrical Characteristics for details.
Port 2 also provides various special functions as described below.
7
O
P2.0
X2
Output from the oscillator amplifier (when a crystal oscillator option is
selected via the EPROM configuration).
CLKOUT
CPU clock divided by 6 clock output when enabled via SFR bit and in
conjunction with internal RC oscillator or external clock input.
6
I
P2.1
X1
Input to the oscillator circuit and internal clock generator circuits (when
selected via the EPROM configuration).
VSS
5
I
Ground: 0 V reference.
VDD
15
I
Power Supply: This is the power supply voltage for normal operation as well as Idle and
Power Down modes.
SPECIAL FUNCTION REGISTERS
Name
Description
SFR
Address
Bit Functions and Addresses
MSB
LSB
Reset
Value
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0h
00h
C7
C6
C5
C4
C3
C2
C1
C0
ADCON#*
A/D Control
C0h
ENADC
–
–
ADCI
ADCS
RCCLK
AADR1
AADR0
00h
AUXR1#
Auxiliary Function Register
A2h
KBF
BOD
BOI
LPEP
SRST
0
–
DPS
02h1
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0h
00h
CMP1#
Comparator 1 control
register
ACh
–
–
CE1
CP1
CN1
OE1
CO1
CMF1
00h1
CMP2#
Comparator 2 control
register
ADh
–
–
CE2
CP2
CN2
OE2
CO2
CMF2
00h1
DAC0#
A/D Result
C5h
00h
DIVM#
CPU clock divide-by-M
control
95h
00h
DPTR:
Data pointer (2 bytes)
DPH
Data pointer high byte
83h
00h
DPL
Data pointer low byte
82h
00h
CF
CE
CD
CC
CB
CA
C9
C8
I2CFG#*
I2C configuration register
C8h/RD
SLAVEN
MASTRQ
0
TIRUN
–
–
CT1
CT0
00h1
C8h/WR
SLAVEN
MASTRQ
CLRTI
TIRUN
–
–
CT1
CT0
DF
DE
DD
DC
DB
DA
D9
D8
I2CON#*
I2C control register
D8h/RD
RDAT
ATN
DRDY
ARL
STR
STP
MASTER
–
80h1
D8h/WR
CXA
IDLE
CDR
CARL
CSTR
CSTP
XSTR
XSTP
I2DAT#
I2C data register
D9h/RD
RDAT
0
0
0
0
0
0
0
80h
D9h/WR
XDAT
x
x
x
x
x
x
x
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt enable 0
A8h
EA
EWD
EBO
ES
ET1
EX1
ET0
EX0
00h
EF
EE
ED
EC
EB
EA
E9
E8
IEN1#*
Interrupt enable 1
E8h
ETI
–
EC1
EAD
–
EC2
EKB
EI2
00h1
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt priority 0
B8h
–
PWD
PBO
PS
PT1
PX1
PT0
PX0
00h1
IP0H#
Interrupt priority 0 high byte
B7h
–
PWDH
PBOH
PSH
PT1H
PX1H
PT0H
PX0H
00h1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com