Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C552KBA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P80C552KBA
Description  Single-chip 8-bit microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C552KBA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P80C552KBA Datasheet HTML 7Page - NXP Semiconductors P80C552KBA Datasheet HTML 8Page - NXP Semiconductors P80C552KBA Datasheet HTML 9Page - NXP Semiconductors P80C552KBA Datasheet HTML 10Page - NXP Semiconductors P80C552KBA Datasheet HTML 11Page - NXP Semiconductors P80C552KBA Datasheet HTML 12Page - NXP Semiconductors P80C552KBA Datasheet HTML 13Page - NXP Semiconductors P80C552KBA Datasheet HTML 14Page - NXP Semiconductors P80C552KBA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Philips Semiconductors
Product specification
80C552/83C552
Single-chip 8-bit microcontroller
1998 Aug 13
11
DC ELECTRICAL CHARACTERISTICS (Continued)
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Analog Inputs
AIDD
Analog supply current: operating: (16MHz)
Port 5 = 0 to AVDD
1.2
mA
Analog supply current: operating: (24MHz, 30MHz)
Port 5 = 0 to AVDD
1.0
mA
AIID
Idle mode:
P83(0)C552EBx
50
µA
P83(0)C552EFx
50
µA
P83(0)C552EHx
100
µA
P83(0)C552IBx
50
µA
P83(0)C552IFx
50
µA
P83(0)C552KBx
50
µA
AIPD
Power-down mode:
2V < AVPD < AVDD max
P83(0)C552xBx
50
µA
P83(0)C552xFx
50
µA
P83(0)C552xHx
100
µA
AVIN
Analog input voltage
AVSS–0.2
AVDD+0.2
V
AVREF
Reference voltage:
AVREF–
AVSS–0.2
V
AVREF+
AVDD+0.2
V
RREF
Resistance between AVREF+ and AVREF–
10
50
k
Ω
CIA
Analog input capacitance
15
pF
tADS
Sampling time
8tCY
µs
tADC
Conversion time (including sampling time)
50tCY
µs
DLe
Differential non-linearity10, 11, 12
±1
LSB
ILe
Integral non-linearity10, 13
±2
LSB
OSe
Offset error10, 14
±2
LSB
Ge
Gain error10, 15
±0.4
%
Ae
Absolute voltage error10, 16
±3
LSB
MCTC
Channel to channel matching
±1
LSB
Ct
Crosstalk between inputs of port 517
0–100kHz
–60
dB
NOTES FOR DC ELECTRICAL CHARACTERISTICS:
1. See Figures 10 through 15 for IDD test conditions.
2. The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10ns; VIL = VSS + 0.5V;
VIH = VDD – 0.5V; XTAL2 not connected; EA = RST = Port 0 = EW = VDD; STADC = VSS.
3. The idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10ns; VIL = VSS + 0.5V;
VIH = VDD – 0.5V; XTAL2 not connected; Port 0 = EW = VDD; EA = RST = STADC = VSS.
4. The power-down current is measured with all output pins disconnected; XTAL2 not connected; Port 0 = EW = VDD;
EA = RST = STADC = XTAL1 = VSS.
5. The input threshold voltage of P1.6 and P1.7 (SIO1) meets the I2C specification, so an input voltage below 1.5V will be recognized as a logic
0 while an input voltage above 3.0V will be recognized as a logic 1.
6. Pins of ports 1 (except P1.6, P1.7), 2, 3, and 4 source a transition current when they are being externally driven from 1 to 0. The transition
current reaches its maximum value when VIN is approximately 2V.
7. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5mA and no more than two outputs exceed the test conditions.
8. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VDD specification when the
address bits are stabilizing.
9. The following condition must not be exceeded: VDD – 0.2V < AVDD < VDD + 0.2V.
10. Conditions: AVREF– = 0V; AVDD = 5.0V, AVREF+ (80C552, 83C552) = 5.12V. ADC is monotonic with no missing codes. Measurement by
continuous conversion of AVIN = –20mV to 5.12V in steps of 0.5mV.
11. The differential non-linearity (DLe) is the difference between the actual step width and the ideal step width. (See Figure 1.)
12. The ADC is monotonic; there are no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com