Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMP3906AYS-Q Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PMP3906AYS-Q
Description  40 V, 200 mA PNP/PNP matched double transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMP3906AYS-Q Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PMP3906AYS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMP3906AYS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMP3906AYS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMP3906AYS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMP3906AYS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMP3906AYS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMP3906AYS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMP3906AYS-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMP3906AYS-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Nexperia
PMP3906AYS-Q
40 V, 200 mA PNP/PNP matched double transistor
sot363_fw
solder lands
solder resist
occupied area
preferred transport
direction during soldering
5.3
1.3
1.3
1.5
0.3
1.5
4.5
2.45
2.5
Dimensions in mm
Fig. 12. Wave soldering footprint for TSSOP6 (SOT363)
PMP3906AYS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
3 August 2022
8 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com